Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VQA3S-S Datasheet (PDF) - CUI INC

VQA3S-S Datasheet PDF - CUI INC
Part # VQA3S-S
Download  VQA3S-S Download
File Size   6567.89 Kbytes
Page   12 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description IGBT DRIVER DC-DC

VQA3S-S Datasheet (PDF)

Go To PDF Page Download Datasheet
VQA3S-S Datasheet PDF - CUI INC

Part # VQA3S-S
Download  VQA3S-S Click to download

File Size   6567.89 Kbytes
Page   12 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description IGBT DRIVER DC-DC

VQA3S-S Datasheet (HTML) - CUI INC


VQA3S-S Product details

FEATURES
• designed for SiC driver applications
• reinforced insulation
• CMTI > 200 kV/μs
• ultra-low isolation capacitance 3.5pF (typ.)
• -40 ~ 105°C temperature range
• continuous short circuit protection
• 5 kVac isolation test voltage
• UL/cUL 62368 certified




Similar Part No. - VQA3S-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
VQA3-S CUI-VQA3-S Datasheet
3Mb / 8P
IGBT DRIVER DC-DC
10/11/2022
VQA3-S12-D15-S CUI-VQA3-S12-D15-S Datasheet
3Mb / 8P
IGBT DRIVER DC-DC
10/11/2022
VQA3-S15-D15-S CUI-VQA3-S15-D15-S Datasheet
3Mb / 8P
IGBT DRIVER DC-DC
10/11/2022
VQA3-S24-D15-S CUI-VQA3-S24-D15-S Datasheet
3Mb / 8P
IGBT DRIVER DC-DC
10/11/2022
VQA3-S5-D15-S CUI-VQA3-S5-D15-S Datasheet
3Mb / 8P
IGBT DRIVER DC-DC
10/11/2022
More results


Similar Description - VQA3S-S

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
IG100 MPD-IG100 Datasheet
258Kb / 2P
High Isolation IGBT Driver DC/DC Converters
logo
Powerex Power Semicondu...
VLA500-01 POWEREX-VLA500-01 Datasheet
387Kb / 7P
Hybrid IC IGBT Gate Driver DC/DC Converter
VLA502-01 POWEREX-VLA502-01 Datasheet
405Kb / 7P
Hybrid IC IGBT Gate Driver DC/DC Converter
logo
MORNSUN Science& Techno...
QA01 MORNSUN-QA01 Datasheet
677Kb / 5P
Application Design For IGBT Driver DC-DC Converter
QC962-8A MORNSUN-QC962-8A Datasheet
237Kb / 5P
DC-DC Converter for IGBT Driver
QA01 MORNSUN-QA01_15 Datasheet
1Mb / 5P
DC/DC Converter for IGBT driver
logo
MicroPower Direct, LLC
IG275-XXE MPD-IG275-XXE Datasheet
1Mb / 4P
High Isolation IGBT Driver DC/DC Converters
logo
MORNSUN Science& Techno...
QA053-1509R3 MORNSUN-QA053-1509R3 Datasheet
2Mb / 8P
DC/DC Converter for IGBT Driver
2022.07.19
QA123H-1509R3 MORNSUN-QA123H-1509R3 Datasheet
1Mb / 6P
DC/DC Converter for IGBT Driver
2022.07.19
logo
CUI INC
VQA3-S CUI-VQA3-S Datasheet
3Mb / 8P
IGBT DRIVER DC-DC
10/11/2022
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com