Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FNGEPO002 Datasheet (PDF) - Diodes Incorporated

FNGEPO002 Datasheet PDF - Diodes Incorporated
Part # FNGEPO002
Download  FNGEPO002 Download
File Size   529.43 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.3V CMOS Low-Jitter 2.048 MHz VoIP XO

FNGEPO002 Datasheet (PDF)

Go To PDF Page Download Datasheet
FNGEPO002 Datasheet PDF - Diodes Incorporated

Part # FNGEPO002
Download  FNGEPO002 Click to download

File Size   529.43 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.3V CMOS Low-Jitter 2.048 MHz VoIP XO

FNGEPO002 Datasheet (HTML) - Diodes Incorporated


FNGEPO002 Product details

Features
• Very low Pk to Pk jitter - 50ps Max
• Low output current - 15mA Max
• Low power standby mode
• RoHS Compliant

Applications
• PON VoIP Gateway




Similar Part No. - FNGEPO002

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FNGEPO002 PERICOM-FNGEPO002 Datasheet
732Kb / 2P
3.3V CMOS Low-Jitter 2.048 MHz VoIP XO
More results


Similar Description - FNGEPO002

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FNGEPO002 PERICOM-FNGEPO002 Datasheet
732Kb / 2P
3.3V CMOS Low-Jitter 2.048 MHz VoIP XO
logo
List of Unclassifed Man...
FN3270025 ETC2-FN3270025 Datasheet
252Kb / 3P
3.3V CMOS Low Jitter XO
FD2400022 ETC2-FD2400022 Datasheet
260Kb / 3P
3.3V CMOS Low Jitter XO
FK3300006 ETC2-FK3300006 Datasheet
238Kb / 3P
3.3V CMOS Low Jitter XO
FN1470033 ETC2-FN1470033 Datasheet
252Kb / 3P
3.3V CMOS Low Jitter XO
FN5000110 ETC2-FN5000110 Datasheet
252Kb / 3P
3.3V CMOS Low Jitter XO
logo
Pericom Semiconductor C...
FK0100002 PERICOM-FK0100002 Datasheet
238Kb / 3P
3.3V CMOS Low Jitter XO
logo
List of Unclassifed Man...
FK2500019 ETC2-FK2500019 Datasheet
238Kb / 3P
3.3V CMOS Low Jitter XO
logo
Pericom Semiconductor C...
FDQ-3.3V PERICOM-FDQ-3.3V Datasheet
986Kb / 2P
3.3V CMOS Low Jitter XO
FK-3.3V PERICOM-FK-3.3V Datasheet
641Kb / 2P
3.3V CMOS Low Jitter XO
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com