Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17227AATA+ Datasheet (PDF) - Maxim Integrated Products

MAX17227AATA+ Datasheet PDF - Maxim Integrated Products
Part # MAX17227AATA+
Download  MAX17227AATA+ Download
File Size   618.82 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 400mV to 5.5V Input, 2A nanoPower Boost Converter with Short-Circuit Protection and True Shutdown

MAX17227AATA+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17227AATA+ Datasheet PDF - Maxim Integrated Products

Part # MAX17227AATA+
Download  MAX17227AATA+ Click to download

File Size   618.82 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 400mV to 5.5V Input, 2A nanoPower Boost Converter with Short-Circuit Protection and True Shutdown

MAX17227AATA+ Datasheet (HTML) - Maxim Integrated Products


MAX17227AATA+ Product details

General Description
The MAX17227A is a nanoPower boost converter capable
of delivering load up to 2A peak inductor current and offering
True Shutdown™, cycle-by-cycle inductor current limit,
short-circuit, and thermal protection. During shutdown,
current drawn from the input pin is 1nA. The MAX17227A
offers ultra-low quiescent current, small total solution size,
and high efficiency throughout the load and line range.
The MAX17227A is ideal for battery-powered applications
where long battery life is a must and high efficiency is required
at all power levels.
The MAX17227A utilizes adjustable on-time, pulse-frequency-
modulation (PFM) control scheme that consumes
ultra-low quiescent current. The MAX17227A features
True Shutdown mode where the output disconnects from
the input with no forward or reverse-current. This saves
precious energy from the battery for systems that dynamically
turn on and off by having the ability to startup into a
precharged output capacitor.
The MAX17227A is offered in a space-saving and costeffective
1.58mm x 0.89mm, 6-bump WLP (3 x 2, 0.4mm
pitch) and 8-pin, 2mm x 2mm TDFN packages. The operating
temperature range is from -40°C to +125°C.

Benefits and Features
● 350nA Quiescent Supply Current from Output
● Output Short-Circuit Protection
● True Shutdown Mode
• 1nA Shutdown Current
• Output Disconnects from Input
• No Reverse-Current with Any Voltage on VOUT
● 96% Peak Efficiency, 90% or Higher at 500μA
● Typical 850mA Output Current at 5.0V (VIN = 3.0V)
● 400mV to 5.5V Input Range, Up to 5.35V in Regulation
● 880mV Minimum Startup Voltage
● Single Resistor-Adjustable Output Voltage
• 2.3V to 5.2V Output Voltage Range with 100mV Steps
• 5.5V Output Voltage Setting Available
● 2A Peak Inductor Current Limit
● Thermal Shutdown Protection
● Multiple Package Options
• 1.58mm x 0.89mm, 0.4mm Pitch, 6-Bump (3 x 2) WLP
• 2mm x 2mm, 8-Pin TDFN
● -40°C to +125°C Operating Temperature Range

Applications
● Consumer
- WiFi Module
- Near-Band IoT
- Wearable Audio
● Industrial
- Emergency Lighting
- IoT Sensors
● Medical
- Clinical Instrumentation




Similar Part No. - MAX17227AATA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17227A MAXIM-MAX17227A Datasheet
414Kb / 6P
MAX17227A TDFN EV kit
2020
More results


Similar Description - MAX17227AATA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17220 MAXIM-MAX17220 Datasheet
920Kb / 23P
400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
Rev 3; 7/17
MAX17250 MAXIM-MAX17250 Datasheet
1Mb / 13P
2.7V to 18V Input, Boost Converter with 0.1μA True Shutdown, Short-Circuit Protection and Selectable Input Current Limit
Rev 2; 10/19
MAX17222EVKIT MAXIM-MAX17222EVKIT Datasheet
484Kb / 7P
400mV to 5.5V Input Range
Rev 5; 9/20
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
MAX77813 MAXIM-MAX77813 Datasheet
1Mb / 30P
5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
MAX77801 MAXIM-MAX77801_V01 Datasheet
1Mb / 31P
5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
MAX17220 MAXIM-MAX17220_V01 Datasheet
946Kb / 23P
400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
2019
logo
Diodes Incorporated
AP72250 DIODES-AP72250_V01 Datasheet
2Mb / 26P
0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
Rev. 1 - 2 January 2022
logo
Analog Devices
MAX18000 AD-MAX18000 Datasheet
1Mb / 17P
500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
Rev 0; 2/23
MAX18002 AD-MAX18002 Datasheet
1Mb / 17P
500mV to 5.5V Input, Ultrasonic Boost Converter with Short-Circuit Protection and True Shutdown
Rev 0; 1/23
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com