Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX18000 Datasheet (PDF) - Analog Devices

MAX18000 Datasheet PDF - Analog Devices
Part # MAX18000
Download  MAX18000 Download
File Size   1425.5 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection

MAX18000 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX18000 Datasheet PDF - Analog Devices

Part # MAX18000
Download  MAX18000 Click to download

File Size   1425.5 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection

MAX18000 Datasheet (HTML) - Analog Devices


MAX18000 Product details

General Description
The MAX18000 is a nanoPower boost converter with an
input voltage range of 0.5V to 5.5V (VOUT > VIN + 0.2V)
and a switching current limit of 3.6A. It features an ultralow
quiescent current of 512nA which makes it ideal for
battery-powered applications requiring a long standby
time. The IC operates in nanoPower mode at low loads
and transitions into skip and CCM modes of operation at
higher load currents to ensure high efficiency over a
wide current range.
The output voltage can be varied between 2.5V and 5.5V
using a single RSEL resistor.
The IC features a True Shutdown™ mode, which
disconnects VIN and VOUT when the EN pin is pulled
low. It also features short-circuit protection circuitry that
limits the current to 700mA when VOUT < 0.5V and
automatically restarts the part when the fault is removed.
The thermal-shutdown protection disables the part when
the junction temperature crosses +165°C (typ).
The IC is available in 1.07mm x 1.57mm, 6-bump waferlevel package (WLP).

Benefits and Features
• 0.5V to 5.5V Input Voltage (VOUT > VIN + 0.2V)
• 1.8V Minimum Start-Up Voltage
• 2.5V to 5.5V (In 100mV Steps) Output Voltage
• 3.6A Cycle-by-Cycle Inductor Current Limit
• 512nA IQ Supply Current into the Output
• True-Shutdown Mode
- 7nA Shutdown Current
- Output Disconnects from Input with no
Forward or Reverse Current
• Output Short-Circuit Protection
• Thermal-Shutdown Protection
• 95% Peak Efficiency with 90% or Higher
Efficiency for Load > 20μA
• 1.07mm x 1.57mm, 0.5mm Pitch 6-Bump WLP
• -40°C to +125°C Operating Temperature Range

Key Applications
• Wearable Applications
• IoT Applications
• Battery-Powered Applications
• Portable Devices
• Metering Applications




Similar Part No. - MAX18000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1800 MAXIM-MAX1800 Datasheet
461Kb / 24P
Digital Camera Step-Up Power Supply
19-1833; Rev 0; 10/00
logo
Analog Devices
MAX18002 AD-MAX18002 Datasheet
1Mb / 17P
500mV to 5.5V Input, Ultrasonic Boost Converter with Short-Circuit Protection and True Shutdown
Rev 0; 1/23
MAX18002AWT+T AD-MAX18002AWT+T Datasheet
1Mb / 17P
500mV to 5.5V Input, Ultrasonic Boost Converter with Short-Circuit Protection and True Shutdown
Rev 0; 1/23
logo
Maxim Integrated Produc...
MAX1800EHJ MAXIM-MAX1800EHJ Datasheet
461Kb / 24P
Digital Camera Step-Up Power Supply
19-1833; Rev 0; 10/00
More results


Similar Description - MAX18000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17220 MAXIM-MAX17220 Datasheet
920Kb / 23P
400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
Rev 3; 7/17
MAX17250 MAXIM-MAX17250 Datasheet
1Mb / 13P
2.7V to 18V Input, Boost Converter with 0.1μA True Shutdown, Short-Circuit Protection and Selectable Input Current Limit
Rev 2; 10/19
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
MAX38640 MAXIM-MAX38640 Datasheet
924Kb / 15P
Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter
2021
MAX17220 MAXIM-MAX17220_V01 Datasheet
946Kb / 23P
400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
2019
MAX17227A MAXIM-MAX17227A_V01 Datasheet
618Kb / 22P
400mV to 5.5V Input, 2A nanoPower Boost Converter with Short-Circuit Protection and True Shutdown
Rev 2, 7/21
logo
Diodes Incorporated
AP72250 DIODES-AP72250_V01 Datasheet
2Mb / 26P
0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
Rev. 1 - 2 January 2022
logo
Analog Devices
MAX18002 AD-MAX18002 Datasheet
1Mb / 17P
500mV to 5.5V Input, Ultrasonic Boost Converter with Short-Circuit Protection and True Shutdown
Rev 0; 1/23
MAX38647B AD-MAX38647B Datasheet
1Mb / 16P
Tiny, 1.8V to 5.5V Input, 440nA IQ, 175mA nanoPower Buck Converter with Four-Level VSEL
19-101607; Rev 0; 1/23
MAX38640 AD-MAX38640 Datasheet
1Mb / 18P
Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter
Rev 10; 1/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com