Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JX501 Datasheet (PDF) - Diodes Incorporated

JX501 Datasheet PDF - Diodes Incorporated
Part # JX501
Download  JX501 Download
File Size   1510.41 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.5V/3.3V CMOS XO

JX501 Datasheet (PDF)

Go To PDF Page Download Datasheet
JX501 Datasheet PDF - Diodes Incorporated

Part # JX501
Download  JX501 Click to download

File Size   1510.41 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.5V/3.3V CMOS XO

JX501 Datasheet (HTML) - Diodes Incorporated


JX501 Product details

Features
• Very low phase jitter - 0.8ps RMS typical
• Thicker crystal for improved reliability
• Low supply current - 45mA max.
• Industrial Temperature Range
• Pb-free & RoHS compliant
• Fast lead time

Applications
• Networking systems
• Servers and storage systems
• Profession video equipments
• Test and measurement
• FPGA/ASIC clock generation




Similar Part No. - JX501

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
JX501 PERICOM-JX501 Datasheet
749Kb / 2P
Ultra Low Jitter PLL Crystal Oscillator 5.0 x 3.2mm
More results


Similar Description - JX501

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
JX321 PERICOM-JX321 Datasheet
588Kb / 2P
2.5V/3.3V CMOS XO
NX21SA PERICOM-NX21SA Datasheet
875Kb / 2P
2.5V/3.3V CMOS FS XO
NX21SB PERICOM-NX21SB Datasheet
887Kb / 2P
2.5V/3.3V CMOS FS XO
NX51SB PERICOM-NX51SB Datasheet
788Kb / 2P
2.5V/3.3V CMOS FS XO
NX71SA PERICOM-NX71SA Datasheet
794Kb / 2P
2.5V/3.3V CMOS FS XO
NX71SB PERICOM-NX71SB Datasheet
795Kb / 2P
2.5V/3.3V CMOS FS XO
NX501 PERICOM-NX501 Datasheet
806Kb / 2P
2.5V/3.3V CMOS XO
NX701 PERICOM-NX701 Datasheet
812Kb / 2P
2.5V/3.3V CMOS XO
NX251 PERICOM-NX251 Datasheet
630Kb / 2P
2.5V/3.3V CMOS XO
NX321 PERICOM-NX321 Datasheet
653Kb / 2P
2.5V/3.3V CMOS XO
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com