Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7481 Datasheet (PDF) - Texas Instruments

LM7481 Datasheet PDF - Texas Instruments
Part # LM7481
Download  LM7481 Download
File Size   2906.42 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM7481 3-V to 65-V Ideal Diode Controller Driving Back to Back NFETs

LM7481 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM7481 Datasheet PDF - Texas Instruments

Part # LM7481
Download  LM7481 Click to download

File Size   2906.42 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM7481 3-V to 65-V Ideal Diode Controller Driving Back to Back NFETs

LM7481 Datasheet (HTML) - Texas Instruments


LM7481 Product details

1 Features
• Qualified for extended temperature applications
– Device temperature:
–55°C to +125°C ambient operating
temperature range
• 3-V to 65-V input range
• Reverse input protection down to –65 V
• Drives external back to back N-channel MOSFETs
• Ideal diode operation with 9.1-mV A to C forward
voltage drop regulation
• Low reverse detection threshold (–4 mV) with fast
response (0.5 μs)
• Active rectification up to 200-KHz
• 60-mA peak gate (DGATE) turn-on current
• 2.6-A peak DGATE turnoff current
• Integrated 3.8-mA charge pump
• Adjustable overvoltage protection
• Low 2.87-μA shutdown current (EN/UVLO=Low)
• 2.6-A peak DGATE turn-off current
• Meets automotive ISO7637 transient requirements
with a suitable TVS diode
• Available in space saving 12-pin WSON package

2 Applications
• Avionics Input reverse polarity protection
– Sensors
– Imaging
– Radar
• Active ORing for redundant power

3 Description
The LM74810 ideal diode controller drives and
controls external back to back N-channel MOSFETs
to emulate an ideal diode rectifier with power path
ON/OFF control and overvoltage protection. The wide
input supply of 3 V to 65 V allows protection and
control of 12-V and 24-V input powered systems.
The device can withstand and protect the loads
from negative supply voltages down to –65-V. An
integrated ideal diode controller (DGATE) drives the
first MOSFET to replace a Schottky diode for reverse
input protection and output voltage holdup. With a
second MOSFET in the power path the device allows
load disconnect (ON/OFF control) and overvoltage
protection using HGATE control. The device features
an adjustable overvoltage cut-off protection feature.
LM74810 employs reverse current blocking using
linear regulation and comparator scheme. With
common drain configuration of the power MOSFETs,
the mid-point can be utilized for OR-ing designs using
another ideal diode. The LM74810 has a maximum
voltage rating of 65 V. The loads can be protected
from extended overvoltage transients like 200-V
unsuppressed load dumps in 24-V battery systems
by configuring the device with external MOSFETs in
common source topology.




Similar Part No. - LM7481

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7481-Q1 TI1-LM7481-Q1 Datasheet
5Mb / 33P
LM74810-Q1 Ideal Diode Controller with Active Rectification and Load Dump Protection
LM74810-Q1 TI1-LM74810-Q1 Datasheet
5Mb / 33P
LM74810-Q1 Ideal Diode Controller with Active Rectification and Load Dump Protection
LM74810QDRRRQ1 TI1-LM74810QDRRRQ1 Datasheet
5Mb / 33P
LM74810-Q1 Ideal Diode Controller with Active Rectification and Load Dump Protection
More results


Similar Description - LM7481

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSS40 STMICROELECTRONICS-MSS40 Datasheet
150Kb / 5P
BACK TO BACK SCR MODULE
Sep-2000
logo
NXP Semiconductors
BZB100A NXP-BZB100A Datasheet
61Kb / 10P
Dual back-to-back Zener diode
Rev. 01-28 January 2008
logo
Comset Semiconductor
MSS40 COMSET-MSS40 Datasheet
126Kb / 4P
BACK TO BACK SCR MODULE
logo
STMicroelectronics
SS-401 STMICROELECTRONICS-SS-401 Datasheet
119Kb / 7P
Back to back SCR module
11-Jul-2007
logo
Glenair, Inc.
805-114 GLENAIR-805-114 Datasheet
227Kb / 1P
Mighty Mouse High-Speed Back-to-Back
891-005 GLENAIR-891-005_15 Datasheet
970Kb / 2P
Dual Row Nano Back-to-Back Connector
logo
Kersemi Electronic Co.,...
MSS40-800 KERSEMI-MSS40-800 Datasheet
459Kb / 5P
BACK TO BACK SCR MODULE
logo
Infineon Technologies A...
AUIR3241S INFINEON-AUIR3241S Datasheet
807Kb / 19P
high side Mosfet driver for back to back topology targeting back to back switch
Rev 1.01 2017-09-12
logo
Nell Semiconductor Co.,...
NST70KQ NELLSEMI-NST70KQ Datasheet
688Kb / 5P
Back to Back SCR Module
logo
Texas Instruments
LM7480 TI-LM7480 Datasheet
4Mb / 44P
LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com