Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7071 Datasheet (PDF) - Anpec Electronics Coropration

APW7071 Datasheet PDF - Anpec Electronics Coropration
Part # APW7071
Download  APW7071 Download
File Size   369.34 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description White LED DC/DC Step-Up Converter

APW7071 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7071 Datasheet PDF - Anpec Electronics Coropration

Part # APW7071
Download  APW7071 Click to download

File Size   369.34 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description White LED DC/DC Step-Up Converter

APW7071 Datasheet (HTML) - Anpec Electronics Coropration


APW7071 Product details

General Description
The APW7071 is a high frequency step up DC/DC converter in a small 6 leads SOT-23 package specially designed to drive white LEDs with a constant current. The device can drive up to 4 LEDS in a series from one Li-Ion cell. The APW7071 is ideal for LCD panels requiring low current and high efficiency as well as white LED applications for cellular phone backlighting.

Features
• 2.4V to 6V Input Voltage Range
• 400mA, Internal Switch Current
• Up to 1MHz Switching Frequency
• 70μA Typical No Load Quiescent Current
• 0.1μA Typical Shutdown Current
• Internal Soft-start
• Available in a Tiny 6-Pin SOT-23 Package
• Up to 87% efficiency
• Operating Output Capacitor down to 0.1μF
• Over Voltage Protection included
• Lead FreeAvailable (RoHS Compliant)

Applications
• Cellar Phones White LED Back Light
• PDAs, Handheld Computers
• Digital Still Cameras
• MP3 Players
• GPS Receivers




Similar Part No. - APW7071

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071 Datasheet
269Kb / 15P
Step-Up Converter for 4 Series White LEDs Driver
APW7071CI-TRG ANPEC-APW7071CI-TRG Datasheet
269Kb / 15P
Step-Up Converter for 4 Series White LEDs Driver
APW7071CI-TRL ANPEC-APW7071CI-TRL Datasheet
269Kb / 15P
Step-Up Converter for 4 Series White LEDs Driver
APW7071 ANPEC-APW7071_08 Datasheet
269Kb / 15P
Step-Up Converter for 4 Series White LEDs Driver
More results


Similar Description - APW7071

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
DC-DC Step-Up Converter for White LED
logo
YOBON TECHNOLOGIES,INC.
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
Step-up DC-DC Converter , White LED Driver
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
Step-up DC-DC Converter , White LED Driver
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
Step-up DC-DC Converter, White LED Driver
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
DC-DC Step-Up Converter for White LED
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
Step-up DC-DC Converter & White LED Driver
logo
SHANGHAI BELLING CO., L...
BL8532B BELLING-BL8532B Datasheet
173Kb / 11P
White LED PFM Step-Up DC-DC Converter
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
Step-up DC/DC converter white LED driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
Step-up DC/DC converter White LED driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com