Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2MEQX2505 Datasheet (PDF) - Diodes Incorporated

PI2MEQX2505 Datasheet PDF - Diodes Incorporated
Part # PI2MEQX2505
Download  PI2MEQX2505 Download
File Size   1138.22 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description MIPI CSI-2/DSI D-PHY ReDriver

PI2MEQX2505 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI2MEQX2505 Datasheet PDF - Diodes Incorporated

Part # PI2MEQX2505
Download  PI2MEQX2505 Click to download

File Size   1138.22 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description MIPI CSI-2/DSI D-PHY ReDriver

PI2MEQX2505 Datasheet (HTML) - Diodes Incorporated


PI2MEQX2505 Product details

Features
- MIPI D-PHY 1.2 Specification Compliant
- Supports 4 lanes at 2.5Gbps in D-PHY
- Supports ULPS and LP power states and sub-mW in shutdown state
- Supports MIPI DSI Bi-directional LP mode
- Programmable and pin adjustable on Receiver Equalization and transmitter edge rate
- Programmable Output swing and Pre-emphasis levels
- Industrial temperature range: –40 °C to 85 °C
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable, and manufactured in IATF 16949 certified facilities), please contact us or your local Diodes representative.
- Packaging (Pb-free & Green):
- 28-contact, TQFN (ZH), 5.5 x 3.5 mm

Applications
- Notebook PC
- Clamshell
- Tablets
- Camera




Similar Part No. - PI2MEQX2505

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2001 VICOR-PI2001 Datasheet
817Kb / 23P
Universal Active ORing Controller IC
PI2001-00-QEIG VICOR-PI2001-00-QEIG Datasheet
817Kb / 23P
Universal Active ORing Controller IC
PI2001-00-SOIG VICOR-PI2001-00-SOIG Datasheet
817Kb / 23P
Universal Active ORing Controller IC
PI2001-EVAL1 VICOR-PI2001-EVAL1 Datasheet
659Kb / 11P
PI2001-EVAL1 Active ORing
PI2002 VICOR-PI2002 Datasheet
1Mb / 23P
Active ORing Controller IC with Load Disconnect Feature
More results


Similar Description - PI2MEQX2505

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7533 AD-ADV7533 Datasheet
224Kb / 12P
MIPI/DSI Receiver
REV. 0
logo
Toshiba Semiconductor
TC358743 TOSHIBA-TC358743 Datasheet
194Kb / 3P
HDMI video and audio streams into MIPI CSI-2 data to enable Application Processors with MIPI CSI-2
logo
Texas Instruments
SN65DPHY440SS TI1-SN65DPHY440SS Datasheet
578Kb / 31P
SNx5DPHY440SS CSI-2/DSI DPHY Re-timer
DS90UB953-Q1 TI1-DS90UB953-Q1 Datasheet
136Kb / 7P
MIPI CSI-2 FPD-Link III Serializer
logo
Keysight Technologies
N8802B KEYSIGHT-N8802B Datasheet
5Mb / 8P
MIPI D-PHY Multilane Protocol
U7238C KEYSIGHT-U7238C Datasheet
2Mb / 15P
MIPI D-PHY Conformance Test Software
U7238D KEYSIGHT-U7238D Datasheet
2Mb / 15P
MIPI D-PHY Conformance Test Software
N8802A KEYSIGHT-N8802A Datasheet
5Mb / 8P
MIPI D-PHY Multilane Protocol
logo
ON Semiconductor
FSA644 ONSEMI-FSA644 Datasheet
1Mb / 11P
2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
May 2018 Rev. 2
FSA646 ONSEMI-FSA646 Datasheet
458Kb / 8P
2:1 MIPI D-PHY 4-Data Lane Switch
June, 2018 ??Rev. 0
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com