Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3WVR2646 Datasheet (PDF) - Diodes Incorporated

PI3WVR2646 Datasheet PDF - Diodes Incorporated
Part # PI3WVR2646
Download  PI3WVR2646 Download
File Size   645.52 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2:1 MIPI 4-Data Lane Switch

PI3WVR2646 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3WVR2646 Datasheet PDF - Diodes Incorporated

Part # PI3WVR2646
Download  PI3WVR2646 Click to download

File Size   645.52 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2:1 MIPI 4-Data Lane Switch

PI3WVR2646 Datasheet (HTML) - Diodes Incorporated


PI3WVR2646 Product details

Features
- SPDT (10x) Switch Type and Signal Type Support D-PHY and C-PHY
- Data Rate: D-PHY (2.5Gbps) 4-Data Lane and C-PHY (2.5Gsps) 3-Data Lane
- Supports 2:1 clock differential signal
- -3 dB Bandwidth: 4.1 GHz Typical
- Low Crosstalk: -30 dB@1.25 GHz
- Input Signals 0 to 1.3V
- RON: 6Ω Typical LP & HS MIPI
- ΔRON: 0.1Ω Typical LP & HS MIPI
- RON_FLAT: 0.3Ω Typical LP & HS MIPI
- ICCZ: 0.5uA Typical
- ICC: 32μA Max
- CON: 1.5pF Typical
- Skew of Opposite Transitions of the Same Output: 6ps Typical
- VDD Operating Range: 1.5V to 3.6V
- ESD Tolerance: 2kV HBM
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable, and manufactured in IATF 16949 certified facilities), please contact us or your local Diodes representative.
- Packaging (Pb-free & Green):
- 36-Ball, WLCSP (GH) 2.10x2.10

Application
- Cellular Phones, Smart Phone
- Tablets
- Laptops
- Displays




Similar Part No. - PI3WVR2646

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3WVR12412 PERICOM-PI3WVR12412 Datasheet
1Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Diodes Incorporated
PI3WVR12412 DIODES-PI3WVR12412 Datasheet
1Mb / 14P
HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
logo
Pericom Semiconductor C...
PI3WVR12412ZHE PERICOM-PI3WVR12412ZHE Datasheet
1Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Diodes Incorporated
PI3WVR12412ZHEX DIODES-PI3WVR12412ZHEX Datasheet
1Mb / 14P
HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
logo
Pericom Semiconductor C...
PI3WVR12612 PERICOM-PI3WVR12612 Datasheet
2Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
More results


Similar Description - PI3WVR2646

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA641 FAIRCHILD-FSA641 Datasheet
1Mb / 3P
2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
FSA644UCX FAIRCHILD-FSA644UCX Datasheet
624Kb / 10P
FSA644 ??2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
logo
Texas Instruments
TS5MP645 TI1-TS5MP645 Datasheet
1Mb / 31P
4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
TS5MP646 TI1-TS5MP646 Datasheet
1Mb / 30P
Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
logo
ON Semiconductor
FSA641 ONSEMI-FSA641 Datasheet
623Kb / 12P
2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
June 2014 Rev. 1.0.5
FSA644 ONSEMI-FSA644 Datasheet
1Mb / 11P
2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
May 2018 Rev. 2
FSA646 ONSEMI-FSA646 Datasheet
458Kb / 8P
2:1 MIPI D-PHY 4-Data Lane Switch
June, 2018 ??Rev. 0
FSA660 ONSEMI-FSA660 Datasheet
314Kb / 8P
2:1 MIPI C-PHY (5.7 Gbps) 1-Data Lane Switch
September 2016 Rev. 1.0
FSA634 ONSEMI-FSA634 Datasheet
986Kb / 8P
2:1 MIPI D-PHY (1.5Gbps) 4Data Lane Switch
September, 2019 ??Rev. 1
logo
Diodes Incorporated
PI3WVR626 DIODES-PI3WVR626 Datasheet
1Mb / 12P
2:1 MIPI 2-Data Lane Switch
Rev 3 - 2 March 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com