Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP00R6 Datasheet (PDF) - Littelfuse

SP00R6 Datasheet PDF - Littelfuse
Part # SP00R6
Download  SP00R6 Download
File Size   426.13 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 0.2pF, 12KV Diode, Low Voltage Low Capacitance ESD Protection

SP00R6 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP00R6 Datasheet PDF - Littelfuse

Part # SP00R6
Download  SP00R6 Click to download

File Size   426.13 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 0.2pF, 12KV Diode, Low Voltage Low Capacitance ESD Protection

SP00R6 Datasheet (HTML) - Littelfuse


SP00R6 Product details

Description
The SP00R6 features extremely low breakdown/turn on voltages,
making them more ideal protectors of low voltage -0.3 to +0.3V
data lines. These robust diodes can safely absorb repetitive ESD
strikes above the maximum level specified in IEC 61000-4-2
international standard (Level 4, ±8kV contact discharge) without
performance degradation.

Features
■ ESD, IEC 61000-4-2, ±12
contact, ±15kV air
■ EFT, IEC 61000-4-4, 30A
(5/50ns)
■ Surge Tolerance, IEC 61000-
4-5 2nd Edition, 3A (8/20us)
■ Low capacitance of 0.2pF
(TYP)
■ Space efficient 0201 package
■ Halogen-free, lead-free and
RoHS-compliant

Applications
■ USB 3.x
■ Thunderbolt 4 or 3
■ USB4(TM)
■ USB 3.2 Gen 2x2
■ USB 3.2 Gen 2
■ PCI Express 6.0




Similar Part No. - SP00R6

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SP00 COOPER-SP00 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Infineon Technologies A...
SP0000-83655 INFINEON-SP0000-83655 Datasheet
78Kb / 4P
IGBT Chip in Fieldstop-technology
02.06.2005, Edition 1.0
SP0000-87977 INFINEON-SP0000-87977 Datasheet
156Kb / 8P
OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
SP0000-87978 INFINEON-SP0000-87978 Datasheet
156Kb / 8P
OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
SP0000-87979 INFINEON-SP0000-87979 Datasheet
156Kb / 8P
OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
More results


Similar Description - SP00R6

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDQR5V0USP-HF COMCHIP-CPDQR5V0USP-HF Datasheet
334Kb / 4P
Low Capacitance ESD Protection Diode
CPDU5V0USP-HF COMCHIP-CPDU5V0USP-HF Datasheet
336Kb / 4P
Low Capacitance ESD Protection Diode
CPDQR5V0SP-HF COMCHIP-CPDQR5V0SP-HF Datasheet
77Kb / 4P
Low Capacitance ESD Protection Diode
CPDQR5V0USP-HF COMCHIP-CPDQR5V0USP-HF Datasheet
334Kb / 4P
Low Capacitance ESD Protection Diode
CPDU5V0USP-HF COMCHIP-CPDU5V0USP-HF Datasheet
336Kb / 4P
Low Capacitance ESD Protection Diode
CPDQR5V0USP-HF COMCHIP-CPDQR5V0USP-HF_15 Datasheet
334Kb / 4P
Low Capacitance ESD Protection Diode
CPDU5V0USP-HF COMCHIP-CPDU5V0USP-HF_15 Datasheet
336Kb / 4P
Low Capacitance ESD Protection Diode
CPDQC5V0CSP-HF COMCHIP-CPDQC5V0CSP-HF Datasheet
105Kb / 4P
Low Capacitance ESD Protection Diode
logo
Littelfuse
AQ7520-08UTG LITTELFUSE-AQ7520-08UTG Datasheet
695Kb / 5P
0.32pF 12kV Diode Array, Low Capacitance ESD Protection
2022 Littelfuse, Inc.
SC7520-08UTG LITTELFUSE-SC7520-08UTG Datasheet
568Kb / 5P
0.32pF 12kV Diode Array, Low Capacitance ESD Protection
2022 Littelfuse, Inc.
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com