Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7120 Datasheet (PDF) - Anpec Electronics Coropration

APW7120 Datasheet PDF - Anpec Electronics Coropration
Part # APW7120
Download  APW7120 Download
File Size   807.36 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller

APW7120 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7120 Datasheet PDF - Anpec Electronics Coropration

Part # APW7120
Download  APW7120 Click to download

File Size   807.36 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller

APW7120 Datasheet (HTML) - Anpec Electronics Coropration


APW7120 Product details

General Description

The APW7120 is a fixed 300kHz frequency, voltage mode,and synchronous PWM controller . The device drives two low cost N-channel MOSFETs and is designed to work with single 5~12V or two supply voltage(s), providing excellent regulation for load transients.



Features

• Operatingwith  Single 5~12V Supply Voltage or Two  Supply V oltages

• Drive  Dual  Low  Cost  N-Channel  MOSFETs

-  Adaptive  Shoot-Through  Protection

• Built-in  Feedback  Compensation

-  V oltage-ModePWM  Control

- 0~100% Duty Ratio

- Fast  Transient  Response

• ±2%  0.8V  Reference

- Over  Line,  Load  Regulation,  and  Operating T emperature

• Programmable  Over-Current  Protecti on

-  Using RDS(ON) of Low-Side  MOSFET

• Hiccup-Mode  Under-V oltage  Protection

• 1 18%  Over-V oltage  Protection

• Adjustable Output  Voltage

• Small  Converter  Size

-  300kHz Constant Switching Frequency

-  Small SOP-8 Package

• Built-In Digital  Soft-Start

• Shutdown Control Using  an  External  MOSFET

• Lead  Free  and  Green  Devices  Available (RoHSCompli ant)



Applications

• Motherboard

• Graphics  Card

• High  Current,  up  to  20A,  DC-DC  Converters




Similar Part No. - APW7120

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7120 ANPEC-APW7120 Datasheet
234Kb / 22P
5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120A ANPEC-APW7120A Datasheet
986Kb / 22P
5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120A ANPEC-APW7120A Datasheet
685Kb / 22P
5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120AKE-TRG ANPEC-APW7120AKE-TRG Datasheet
986Kb / 22P
5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120AKE-TRG ANPEC-APW7120AKE-TRG Datasheet
685Kb / 22P
5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
More results


Similar Description - APW7120

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7120A ANPEC-APW7120A Datasheet
986Kb / 22P
5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7120 ANPEC-APW7120_08 Datasheet
234Kb / 22P
5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120A ANPEC-APW7120A_09 Datasheet
685Kb / 22P
5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7165C ANPEC-APW7165C Datasheet
418Kb / 20P
5V to 12V Synchronous Buck Controller
APW8725A ANPEC-APW8725A Datasheet
417Kb / 20P
5V to 12V Synchronous Buck Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
5V to 12V Synchronous Buck Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
5V/12V Synchronous Buck PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com