Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2211C Datasheet (PDF) - Alpha Wire

2211C Datasheet PDF - Alpha Wire
Part # 2211C
Download  2211C Download
File Size   92.86 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2211C Datasheet (PDF)

Go To PDF Page Download Datasheet
2211C Datasheet PDF - Alpha Wire

Part # 2211C
Download  2211C Click to download

File Size   92.86 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2211C Datasheet (HTML) - Alpha Wire


2211C Product details

Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1 1 X 1 PAIR
a) Conductor 22 (7/30) AWG Tinned Copper 0.030
b) Insulation 0.010" Wall, Nom. PVC, Semi Rigid 0.050
(1) Color Code Alpha Wire Color Code A
Pair Color Pair Color Pair Color
1 BLACK-RED
c) Cabling 2 COND Cabled
(1) Twists: 8.0 Twists/foot (min)
(2) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
2) Shield: Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction Foil Facing Out
b) Drain Wire 22 (7/30) AWG Tinned Copper
3) Jacket 0.032" Wall, Nom.,PVC 0.168 (0.178 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 2211C 1PR 22 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2576 --- LLXXXXXX
CSA TYPE CMG FT4 CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 2211C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2211 ETC-2211 Datasheet
42Kb / 3P
FIXED DIP DELAY LINE
2211 ETC1-2211 Datasheet
35Kb / 3P
data delay devices
2211 ETC1-2211 Datasheet
32Kb / 1P
high Current Toroid Inductors
logo
Data Delay Devices, Inc...
2211 DATADELAY-2211 Datasheet
43Kb / 3P
FIXED DIP DELAY LINE TD/TR = 10
logo
RHOPOINT COMPONENTS
2211 RHOPOINT-2211 Datasheet
60Kb / 2P
Microminiature Reed Relays
More results


Similar Description - 2211C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com