Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-MB-610 Datasheet (PDF) - Advantech Co., Ltd.

PPC-MB-610 Datasheet PDF - Advantech Co., Ltd.
Part # PPC-MB-610
Download  PPC-MB-610 Download
File Size   387.9 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description M/B offering for PPC-61X1C-RTAE

PPC-MB-610 Datasheet (PDF)

Go To PDF Page Download Datasheet
PPC-MB-610 Datasheet PDF - Advantech Co., Ltd.

Part # PPC-MB-610
Download  PPC-MB-610 Click to download

File Size   387.9 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description M/B offering for PPC-61X1C-RTAE

PPC-MB-610 Datasheet (HTML) - Advantech Co., Ltd.


PPC-MB-610 Product details

Features
ƒƒ Supports Intel® 8th & 9th Gen Core™ i processor (LGA1151) with Intel Q370
chipset
ƒƒ Two 260-pin SO-DIMM up to 32GB DDR4 2666 MHz SDRAM
ƒƒ Supports triple display of DP/VGA/LVDS
ƒƒ Supports PCIe x16 (Gen 3), 1 M.2 M key & 1 M.2 E key, 6 x USB 3.1
ƒƒ Supports 2 x SATA 3.0 (Raid 0, 1)
ƒƒ Supports TPM 2.0 (optional)
ƒƒ Supports 4 RS-232,1 RS-232/422/485
ƒƒ Supports 1 GPIO(8 channels)




Similar Part No. - PPC-MB-610

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-MB-610 ADVANTECH-PPC-MB-610 Datasheet
740Kb / 2P
15.6" Configurable Panel PC Chassis for Selectable Mini-ITX Motherboards
28-Jul-2022
PPC-MB-610 ADVANTECH-PPC-MB-610 Datasheet
756Kb / 2P
18.5 Configurable Panel PC Chassis for Selectable Mini-ITX Motherboards
1-Aug-2022
PPC-MB-610 ADVANTECH-PPC-MB-610 Datasheet
714Kb / 2P
21.5 Configurable Panel PC Chassis for Selectable Mini-ITX Motherboards
28-Jul-2022
PPC-MB-610 ADVANTECH-PPC-MB-610 Datasheet
2Mb / 4P
15 Configurable Panel PC Chassis for Selectable Mini-ITX Motherboards
1-Aug-2022
PPC-MB-610 ADVANTECH-PPC-MB-610 Datasheet
1Mb / 4P
17 Configurable Panel PC Chassis for Selectable Mini-ITX Motherboards
1-Aug-2022
More results


Similar Description - PPC-MB-610

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3023009-01M QUALTEK-3023009-01M Datasheet
557Kb / 1P
MICRO USB 3.0 A B/M - USB 3.0 B/M
logo
AVX Corporation
BR40 AVX-BR40 Datasheet
48Kb / 1P
SMPS Capacitors (CECC Offering)
logo
Schneider Electric
NFOM442M125CR SCHNEIDER-NFOM442M125CR Datasheet
96Kb / 2P
NFOM 42C PNL FOR 125A M/B
NFOM454M250CR SCHNEIDER-NFOM454M250CR Datasheet
96Kb / 2P
NFOM 54C PNL FOR 250A M/B
logo
Infineon Technologies A...
IGC06R60DE INFINEON-IGC06R60DE Datasheet
122Kb / 6P
600V applications offering
Edition 1.1, 31.05.2013
IGC05R60DE INFINEON-IGC05R60DE Datasheet
100Kb / 6P
600V applications offering:
Edition 1.2, 31.05.2013
logo
PHOENIX CONTACT
1403684 PHOENIX-1403684 Datasheet
61Kb / 2P
Coupling - VS-MP-PPC/PPC-PO
1405141 PHOENIX-1405141 Datasheet
286Kb / 5P
RJ45 connector - VS-PPC-C1-RJ45-MNNA-PG9-4Q5-B
logo
Advantech Co., Ltd.
PPC-MB-8260XX ADVANTECH-PPC-MB-8260XX Datasheet
428Kb / 1P
M/B offering for PPC-61X1C-RTAE
PPC-STAND ADVANTECH-PPC-STAND Datasheet
395Kb / 1P
Stand Kit For All PPC Models
27-Jun-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com