Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IWAS4832ABEB130KF1 Datasheet (PDF) - Vishay Siliconix

IWAS4832ABEB130KF1 Datasheet PDF - Vishay Siliconix
Part # IWAS4832ABEB130KF1
Download  IWAS4832ABEB130KF1 Download
File Size   77.51 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wireless Charging Receiving Coil / Shield

IWAS4832ABEB130KF1 Datasheet (PDF)

Go To PDF Page Download Datasheet
IWAS4832ABEB130KF1 Datasheet PDF - Vishay Siliconix

Part # IWAS4832ABEB130KF1
Download  IWAS4832ABEB130KF1 Click to download

File Size   77.51 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wireless Charging Receiving Coil / Shield

IWAS4832ABEB130KF1 Datasheet (HTML) - Vishay Siliconix


IWAS4832ABEB130KF1 Product details

FEATURES
• Operating temperature: -40 °C to +85 °C
• Storage temperature: -40 °C to +85 °C
• IRMS: base on temperature rise up to 40 °C
maximum
• Power rating: 5 W to 15 W
• Compliant to Qi standard
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - IWAS4832ABEB130KF1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IWAS4832ABEB110JF1 VISHAY-IWAS4832ABEB110JF1 Datasheet
82Kb / 2P
Wireless Charging Receive Coil / Shield
28-Feb-2020
IWAS4832ABEB110JF1 VISHAY-IWAS4832ABEB110JF1 Datasheet
68Kb / 2P
Wireless Charging Receive Coil / Shield
28-Feb-2020
IWAS4832ABEB110JF1 VISHAY-IWAS4832ABEB110JF1_V01 Datasheet
68Kb / 2P
Wireless Charging Receive Coil / Shield
28-Feb-2020
More results


Similar Description - IWAS4832ABEB130KF1

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SRX38310914KFA SUPERWORLD-SRX38310914KFA Datasheet
672Kb / 3P
Wireless Charging Receiving Coil/Shield
logo
Vishay Siliconix
IWAS-3827EC-50 VISHAY-IWAS-3827EC-50_17 Datasheet
79Kb / 2P
Wireless Charging Receiving Coil/Shield
04-Aug-16
IWAS-4832EC-50 VISHAY-IWAS-4832EC-50_17 Datasheet
77Kb / 2P
Wireless Charging Receiving Coil/Shield
05-Aug-13
IWAS-4832FE-50 VISHAY-IWAS-4832FE-50 Datasheet
72Kb / 2P
Wireless Charging Receiving Coil/Shield
23-Jan-15
IWAS4532AGEB140KF1 VISHAY-IWAS4532AGEB140KF1 Datasheet
97Kb / 2P
Wireless Charging Receiving Coil / Shield
05-Jul-2019
IWAS3010AZEB130KF1 VISHAY-IWAS3010AZEB130KF1 Datasheet
83Kb / 2P
Wireless Charging Receiving Coil / Shield
05-Jul-2019
IWAS4832AEEB120KF1 VISHAY-IWAS4832AEEB120KF1 Datasheet
89Kb / 2P
Wireless Charging Receiving Coil / Shield
05-Jul-2019
IWAS3010AZEB130KF1 VISHAY-IWAS3010AZEB130KF1_V01 Datasheet
68Kb / 2P
Wireless Charging Receiving Coil / Shield
05-Jul-2019
IWAS4532AGEB140KF1 VISHAY-IWAS4532AGEB140KF1_V01 Datasheet
83Kb / 2P
Wireless Charging Receiving Coil / Shield
05-Jul-2019
IWAS4832AEEB120KF1 VISHAY-IWAS4832AEEB120KF1_V01 Datasheet
75Kb / 2P
Wireless Charging Receiving Coil / Shield
05-Jul-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com