Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCAL6408 Datasheet (PDF) - Texas Instruments

TCAL6408 Datasheet PDF - Texas Instruments
Part # TCAL6408
Download  TCAL6408 Download
File Size   1221.3 Kbytes
Page   39 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers

TCAL6408 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCAL6408 Datasheet PDF - Texas Instruments

Part # TCAL6408
Download  TCAL6408 Click to download

File Size   1221.3 Kbytes
Page   39 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers

TCAL6408 Datasheet (HTML) - Texas Instruments


TCAL6408 Product details

1 Features
• Operating power-supply voltage range of 1.08 V to
3.6 V
• Allows bidirectional voltage-level translation and
GPIO expansion between 1.2-V, 1.8-V, 2.5-V, and
3.3-V I2C bus and p-ports
• Low standby current consumption of 1 μA typical
at 1.8 V
• 1-MHz fast mode plus I2C bus
• Hardware address pin allows two devices on the
same I2C, SMBus bus
• Active-low reset input (RESET )
• Open-drain active-low interrupt output (INT )
• Input or output configuration register
• Polarity inversion register
• Configurable I/O drive strength register
• Pull-up and pull-down resistor configuration
register
• Internal power-on reset
• Noise filter on SCL or SDA inputs
• Latched outputs with high-current drive maximum
capability for directly driving LEDs
• Latch-up performance exceeds 100 mA per JESD
78, class II
• ESD protection exceeds JESD 22
– 4000-V Human-body model (A114-A)
– 1000-V Charged-device model (C101)

2 Applications
• Servers
• Routers (telecom switching equipment)
• Personal computers
• Personal electronics
• Industrial automation
• Gaming consoles
• Products with GPIO-limited processors

3 Description
The TCAL6408 device provides general purpose
parallel input/output (I/O) expansion for the two-line
bidirectional I2C bus (or SMBus) protocol. The device
can operate with a power supply voltage ranging from
1.08 V to 3.6 V on the I2C bus side (VCCI) and a
power supply voltage ranging from 1.08 V to 3.6 V on
the P-port side (VCCP).
The device supports 100-kHz (Standard-mode), 400-
kHz (Fast-mode), and 1-MHz (fast-mode-plus) I2C
clock frequencies. I/O expanders such as the
TCAL6408 provide a simple solution when additional
I/Os are needed for switches, sensors, push-buttons,
LEDs, fans, and so on.
The TCAL6408 has Agile I/O ports which include
additional features designed to enhance the I/O
performance in terms of speed, power consumption
and EMI. The additional features are: programmable
output drive strength, programmable pull-up and pulldown
resistors, latchable inputs, maskable interrupt,
interrupt status register, and programmable opendrain
or push-pull outputs.




Similar Part No. - TCAL6408

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAL6408 TI-TCAL6408 Datasheet
1Mb / 50P
TCAL6408 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
NOVEMBER 2022
TCAL6408 TI-TCAL6408 Datasheet
1Mb / 42P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
TCAL6408 TI-TCAL6408 Datasheet
1Mb / 45P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
TCAL6408 TI-TCAL6408 Datasheet
1Mb / 48P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL6408 TI1-TCAL6408 Datasheet
1Mb / 51P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
More results


Similar Description - TCAL6408

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAL6408 TI-TCAL6408 Datasheet
1Mb / 50P
TCAL6408 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
NOVEMBER 2022
TCAL9538 TI-TCAL9538 Datasheet
1Mb / 49P
TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
NOVEMBER 2022
TCAL6408 TI-TCAL6408_V02 Datasheet
1Mb / 42P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
TCAL6408 TI-TCAL6408_V03 Datasheet
1Mb / 45P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
TCAL6416 TI-TCAL6416_V03 Datasheet
2Mb / 53P
TCAL6416 16-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED APRIL 2023
TCAL6408 TI-TCAL6408_V04 Datasheet
1Mb / 48P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL9538 TI-TCAL9538_V01 Datasheet
1Mb / 41P
TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL9538 TI1-TCAL9538_V02 Datasheet
1Mb / 43P
TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL9538 TI1-TCAL9538_V03 Datasheet
1Mb / 43P
TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL6408 TI1-TCAL6408_V05 Datasheet
1Mb / 51P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com