Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3274184 Datasheet (PDF) - PHOENIX CONTACT

3274184 Datasheet PDF - PHOENIX CONTACT
Part # 3274184
Download  3274184 Download
File Size   936.65 Kbytes
Page   38 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/6X2,5-NS15A OG

3274184 Datasheet (PDF)

Go To PDF Page Download Datasheet
3274184 Datasheet PDF - PHOENIX CONTACT

Part # 3274184
Download  3274184 Click to download

File Size   936.65 Kbytes
Page   38 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/6X2,5-NS15A OG

3274184 Datasheet (HTML) - PHOENIX CONTACT


3274184 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Block with horizontal alignment and integrated
supply, nom. voltage: 690 V, nominal current: 24 A, connection method: Push-in connection,
Load contact, cross section: 0.14 mm2 - 4 mm2, Push-in connection, Line contact, Rated cross
section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: NS 15, color: orange

Your advantages
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Clear wiring, thanks to eleven different color variants




Similar Part No. - 3274184

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3274182 PHOENIX-3274182 Datasheet
925Kb / 38P
Distribution block - PTFIX 6/6X2,5-NS15A VT
Jul 20, 2022
3274183 PHOENIX-3274183 Datasheet
934Kb / 38P
Distribution block - PTFIX 6/6X2,5-NS15A PK
Jul 29, 2022
3274186 PHOENIX-3274186 Datasheet
947Kb / 38P
Distribution block - PTFIX 6/6X2,5-NS15A-FE
Jul 20, 2022
3274188 PHOENIX-3274188 Datasheet
916Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS15A GY
Jun 22, 2022
More results


Similar Description - 3274184

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3274174 PHOENIX-3274174 Datasheet
214Kb / 19P
Distribution block - PTFIX 6/6X2,5-NS15A GN
09/12/2020
3273348 PHOENIX-3273348 Datasheet
735Kb / 32P
Distribution block - PTFIX 6/6X2,5 OG
Jun 16, 2022
3274166 PHOENIX-3274166 Datasheet
928Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS15A GY
Jun 22, 2022
3274168 PHOENIX-3274168 Datasheet
929Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS15A BU
Jun 23, 2022
3274170 PHOENIX-3274170 Datasheet
929Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS15A RD
Jun 13, 2022
3274176 PHOENIX-3274176 Datasheet
928Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS15A BN
Jun 22, 2022
3274118 PHOENIX-3274118 Datasheet
618Kb / 28P
Distribution block - PTFIX 6X2,5-NS15A OG
Jun 24, 2022
3274172 PHOENIX-3274172 Datasheet
926Kb / 38P
Distribution block - PTFIX 6/6X2,5-NS15A YE
Jul 20, 2022
3274183 PHOENIX-3274183 Datasheet
934Kb / 38P
Distribution block - PTFIX 6/6X2,5-NS15A PK
Jul 29, 2022
3274186 PHOENIX-3274186 Datasheet
947Kb / 38P
Distribution block - PTFIX 6/6X2,5-NS15A-FE
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com