Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1103C Datasheet (PDF) - Littelfuse

SP1103C Datasheet PDF - Littelfuse
Part # SP1103C
Download  SP1103C Download
File Size   704.27 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 80A Discrete Bidirectional TVS Diode

SP1103C Datasheet (PDF)

Go To PDF Page Download Datasheet
SP1103C Datasheet PDF - Littelfuse

Part # SP1103C
Download  SP1103C Click to download

File Size   704.27 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 80A Discrete Bidirectional TVS Diode

SP1103C Datasheet (HTML) - Littelfuse


SP1103C Product details

Description
The SP1103C includes TVS diodes fabricated in a proprietary
silicon avalanche technology protect each I/O pin to provide a high
level of protection for electronic equipment that may experience
destructive electrostatic discharges (ESD). These robust diodes
can safely absorb repetitive ESD strikes at ±30kV (contact
discharge, IEC 61000-4-2) without performance degradation.
Additionally, each diode can safely dissipate 80A of 8/20μs surge
current (IEC 61000-4-5, 2nd edition) with very low clamping
voltages.

Features and Benefits
■ ESD, IEC 61000-4-2, ±30kV
contact, ±30kV air
■ EFT, IEC 61000-4-4, 40A
(5/50ns)
■ Lightning, IEC 61000-4-5 2nd
edition, 80A (tP=8/20μs)
■ Low clamping voltage
■ Low leakage current
■ AEC-Q101 qualified
■ Moisture Sensitivity
Level(MSL -1)
■ Halogen free, Lead free and
RoHS compliant

Applications
■ Switches / Buttons
■ Test Equipment /
Instrumentation
■ Point-of-Sale Terminals
■ Medical Equipment
■ Notebooks / Desktops /
Servers
■ Computer Peripherals
■ Automotive Electronics




Similar Part No. - SP1103C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1105-01UTG LITTELFUSE-SP1105-01UTG Datasheet
768Kb / 7P
SP11xx Series Discrete Unidirectional TVS Diode
2020 Littelfuse, Inc
SP1105S-01UTG LITTELFUSE-SP1105S-01UTG Datasheet
768Kb / 7P
SP11xx Series Discrete Unidirectional TVS Diode
2020 Littelfuse, Inc
logo
SIPAT Co,Ltd
SP1106 SIPAT-SP1106 Datasheet
60Kb / 1P
DECT First IF Filters
More results


Similar Description - SP1103C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SD05C LITTELFUSE-SD05C Datasheet
702Kb / 4P
450W Discrete Bidirectional TVS Diode
SD-C LITTELFUSE-SD-C Datasheet
1,012Kb / 7P
450W Discrete Bidirectional TVS Diode
SPHV-C LITTELFUSE-SPHV-C Datasheet
997Kb / 6P
200W Discrete Bidirectional TVS Diode
SPXX LITTELFUSE-SPXX Datasheet
1,014Kb / 6P
100W Discrete Bidirectional TVS Diode
SP1233 LITTELFUSE-SP1233 Datasheet
938Kb / 5P
SP1233 20A Discrete Bidirectional TVS Diode
AQXXC LITTELFUSE-AQXXC Datasheet
2Mb / 7P
AQxxC Series 450W Discrete Bidirectional TVS Diode
SD15C-01FTG LITTELFUSE-SD15C-01FTG Datasheet
1,015Kb / 7P
SD-C Series 450W Discrete Bidirectional TVS Diode
SC1103C-01UTG LITTELFUSE-SC1103C-01UTG Datasheet
544Kb / 5P
80A Discrete Bidirectional TVS Diode, Lightning Surge Protection
2021 Littelfuse, Inc.
SC1205-01ETG LITTELFUSE-SC1205-01ETG Datasheet
449Kb / 5P
Bidirectional Discrete TVS Diode, General Purpose Surge Protection
2022 Littelfuse, Inc.
AQ1205-01ETG LITTELFUSE-AQ1205-01ETG Datasheet
666Kb / 5P
Bidirectional Discrete TVS Diode, General Purpose Surge Protection
2022 Littelfuse, Inc.
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com