Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1333 Datasheet (PDF) - Littelfuse

SP1333 Datasheet PDF - Littelfuse
Part # SP1333
Download  SP1333 Download
File Size   644.59 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP1333 8pF 30kV Bidirectional Discrete TVS

SP1333 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP1333 Datasheet PDF - Littelfuse

Part # SP1333
Download  SP1333 Click to download

File Size   644.59 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP1333 8pF 30kV Bidirectional Discrete TVS

SP1333 Datasheet (HTML) - Littelfuse


SP1333 Product details

Description
The SP1333 back-to-back diodes are fabricated in a
proprietary silicon avalanche technology. These diodes
provide a high ESD (electrostatic discharge) protection
level for electronic equipment. The SP1333 TVS can safely
absorb repetitive ESD strikes above the maximum contact
discharge level specified in the IEC 61000-4-2 international
standard (Level 4, ±8kV contact discharge) without
performance degradation. The back-to-back configuration
provides symmetrical ESD protection for data lines.
Additionally, the SP1333 offers up to 5A 8/20 surge rating
with low clamping voltages.

Features
• ESD, IEC 61000-4-2,
±30kV contact, ±30kV air
• EFT, IEC 61000-4-4, 40A
(5/50ns)
• Lightning, 5A (8/20μs as
defined in IEC 61000-4-5
2nd edition)
• Low capacitance of 8pF
(TYP @ VR=0V)
• Low leakage current of
1nA (TYP) at 3.3V
• Space efficient 0201
• Halogen free, Lead free
and RoHS compliant
• Moisture Sensitivity Level
(MSL -1)
• AEC-Q101 qualified

Applications
• Mobile Phones
• Smart Phones
• Portable Medical
• MP3/PMP
• Portable Navigation
Components
• Tablets
• Small Size Panel
• Point of Sale Terminals




Similar Part No. - SP1333

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1333-01UTG LITTELFUSE-SP1333-01UTG Datasheet
685Kb / 5P
TVS Diode Array (SPA ? Diodes) General Purpose ESD Protection - SP1333
Revised: 09/06/19
More results


Similar Description - SP1333

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1020-01WTG LITTELFUSE-SP1020-01WTG Datasheet
2Mb / 4P
SP1020 Series 20pF 30kV Bidirectional Discrete TVS
SP1005 LITTELFUSE-SP1005_17 Datasheet
915Kb / 5P
30pF 30kV Bidirectional Discrete TVS
SP1006 LITTELFUSE-SP1006_17 Datasheet
1Mb / 4P
25pF 30kV Unidirectional Discrete TVS
SP1009 LITTELFUSE-SP1009 Datasheet
656Kb / 4P
30pF 30kV Bidirectional Discrete TVS
AQ1005 LITTELFUSE-AQ1005 Datasheet
631Kb / 4P
AQ1005 Series 30pF 30kV Bidirectional Discrete TVS
AQ3045 LITTELFUSE-AQ3045 Datasheet
603Kb / 4P
AQ3045 Series 0.35pF 30kV Bidirectional Discrete TVS
SP1013 LITTELFUSE-SP1013 Datasheet
779Kb / 4P
SP1013 Series 30pF 30kV Bidirectional Discrete TVS
SP1020 LITTELFUSE-SP1020 Datasheet
869Kb / 4P
SP1020 Series 20pF 30kV Bidirectional Discrete TVS
SP1326 LITTELFUSE-SP1326 Datasheet
822Kb / 5P
SP1326 15pF 30kV Bidirectional Discrete TVS
SP3042 LITTELFUSE-SP3042 Datasheet
2Mb / 4P
SP3042 Series 0.35pF 30kV Bidirectional Discrete TVS
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com