Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP540Q Datasheet (PDF) - AUK corp

SDP540Q Datasheet PDF - AUK corp
Part # SDP540Q
Download  SDP540Q Download
File Size   181.96 Kbytes
Page   3 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description Antenna Switching Pin Diode

SDP540Q Datasheet (PDF)

Go To PDF Page Download Datasheet
SDP540Q Datasheet PDF - AUK corp

Part # SDP540Q
Download  SDP540Q Click to download

File Size   181.96 Kbytes
Page   3 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description Antenna Switching Pin Diode

SDP540Q Datasheet (HTML) - AUK corp


SDP540Q Product details

Features
• Low capacitance : Max.0.4pF
• Low series resistance : rs= 1.0Ω(Typ.)@IF=10mA
• UHF/VHF Band RF Switch Applications




Similar Part No. - SDP540Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDP500 ETC2-SDP500 Datasheet
475Kb / 10P
Accuracy better than 0.2% FS near zero
SDP501 ETC2-SDP501 Datasheet
475Kb / 10P
Accuracy better than 0.2% FS near zero
logo
Shanghai Leiditech Elec...
SDP5024G LEIDITECH-SDP5024G Datasheet
618Kb / 5P
Integrated Thyristor Surge Protector
logo
List of Unclassifed Man...
SDP510 ETC2-SDP510 Datasheet
475Kb / 10P
Accuracy better than 0.2% FS near zero
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
Pin Diode
More results


Similar Description - SDP540Q

ManufacturerPart #DatasheetDescription
logo
AUK corp
ND101 AUK-ND101 Datasheet
243Kb / 3P
Antenna Switching Pin Diode
logo
Renesas Technology Corp
RKP405KS RENESAS-RKP405KS Datasheet
69Kb / 5P
Composite Pin Diode for Antenna Switching
RKP410KS RENESAS-RKP410KS Datasheet
76Kb / 6P
Composite Pin Diode for Antenna Switching
RKP411KS RENESAS-RKP411KS Datasheet
69Kb / 5P
Composite Pin Diode for Antenna Switching
RKP401KS RENESAS-RKP401KS Datasheet
78Kb / 6P
Composite Pin Diode for Antenna Switching
RKP404KS RENESAS-RKP404KS Datasheet
78Kb / 6P
Composite Pin Diode for Antenna Switching
RKP406KS RENESAS-RKP406KS Datasheet
74Kb / 6P
Composite Pin Diode for Antenna Switching
RKP407KS RENESAS-RKP407KS Datasheet
74Kb / 6P
Composite Pin Diode for Antenna Switching
RKP412KS RENESAS-RKP412KS Datasheet
48Kb / 5P
Composite Pin Diode for Antenna Switching
RKP415KS RENESAS-RKP415KS Datasheet
114Kb / 7P
Composite Pin Diode for Antenna Switching
Nov 27, 2008
More results




About AUK corp


AUK corp is a Taiwan-based semiconductor company that specializes in the design, development, and manufacturing of discrete semiconductor components, including diodes, transistors, and MOSFETs. The company was founded in 1991 and is headquartered in New Taipei City, Taiwan.

AUK's products are used in a wide range of applications, including automotive, communications, computing, and consumer electronics. The company's product portfolio includes a variety of diodes, such as switching, zener, and Schottky diodes, as well as MOSFETs and bipolar transistors.

AUK is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, AUK is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com