Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1906129 Datasheet (PDF) - PHOENIX CONTACT

1906129 Datasheet PDF - PHOENIX CONTACT
Part # 1906129
Download  1906129 Download
File Size   384.13 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - MKDS 5 HV/ 4-9,52

1906129 Datasheet (PDF)

Go To PDF Page Download Datasheet
1906129 Datasheet PDF - PHOENIX CONTACT

Part # 1906129
Download  1906129 Click to download

File Size   384.13 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - MKDS 5 HV/ 4-9,52

1906129 Datasheet (HTML) - PHOENIX CONTACT


1906129 Product details

PCB terminal block, nominal current: 32 A, rated voltage (III/2): 1000 V, nominal cross section: 4
mm2, number of potentials: 4, number of rows: 1, number of positions per row: 4, product range:
MKDS 5 HV, pitch: 9.52 mm, connection method: Screw connection with tension sleeve,
mounting: Wave soldering, conductor/PCB connection direction: 0 °, color: green, Pin layout:
Linear back pinning, Solder pin [P]: 5.2 mm, number of solder pins per potential: 1, type of
packaging: packed in cardboard. The article can be aligned to create different nos. of positions!

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors




Similar Part No. - 1906129

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1906158 PHOENIX-1906158 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1,5-W-7,62- 2
1906161 PHOENIX-1906161 Datasheet
56Kb / 5P
PCB terminal block - MKKDS 3/ 2 BK
More results


Similar Description - 1906129

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1724611 PHOENIX-1724611 Datasheet
71Kb / 4P
PCB terminal block - MKDS 5 HV/ 7-ZB-6,35
1757002 PHOENIX-1757002 Datasheet
53Kb / 4P
PCB terminal block - MKDS 5 HV/ 3-9,52-Z SZS
1902547 PHOENIX-1902547 Datasheet
157Kb / 6P
MKDS 5 HV/ 2-9,52
1904147 PHOENIX-1904147 Datasheet
124Kb / 5P
PCB terminal block - MKDSV 5 HV/ 2-9,52
1904150 PHOENIX-1904150 Datasheet
88Kb / 7P
PCB terminal block - MKDS 5 HV/3-9.52
1907416 PHOENIX-1907416 Datasheet
67Kb / 5P
PCB terminal block - MKDSV 5 HV/ 2-9,52-Z
1907432 PHOENIX-1907432 Datasheet
142Kb / 6P
MKDS 5 HV/ 2-9,52-Z
1933516 PHOENIX-1933516 Datasheet
57Kb / 5P
PCB terminal block - MKDS 5 HV/ 8-9,52
1992900 PHOENIX-1992900 Datasheet
76Kb / 5P
PCB terminal block - MKDS 5 HV/ 3-9,52 GY
1756993 PHOENIX-1756993 Datasheet
121Kb / 5P
PCB terminal block - MKDS 5 HV/ 2-9,52-Z SZS
11/04/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com