Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2708261 Datasheet (PDF) - PHOENIX CONTACT

2708261 Datasheet PDF - PHOENIX CONTACT
Part # 2708261
Download  2708261 Download
File Size   1302.83 Kbytes
Page   38 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FO converters - PSI-MOS-PROFIB/FO 850 T

2708261 Datasheet (PDF)

Go To PDF Page Download Datasheet
2708261 Datasheet PDF - PHOENIX CONTACT

Part # 2708261
Download  2708261 Click to download

File Size   1302.83 Kbytes
Page   38 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FO converters - PSI-MOS-PROFIB/FO 850 T

2708261 Datasheet (HTML) - PHOENIX CONTACT


2708261 Product details

FO converter with integrated optical diagnostics, alarm contact, for PROFIBUS up to 12 Mbps, Tcoupler with two FO interfaces (BFOC), 850 nm, for PCF/fiberglass cable (multimode)

Product Description
The PSI-MOS-PROFIB/FO... devices convert copper-based PROFIBUS interfaces to fiber optics. The integrated optical diagnostics
allow permanent monitoring of the FO paths during installation and also during operation. The floating switch contact is activated when the signal
output on the fiber optic paths drops to a critical level. The PSI-MOS-PROFIB/FO... T T-couplers allow the interface to be converted for
two FO cables. They can be used to create linear structures and ring structures for increased system availability.

Your advantages
• Can be combined with the PSI copper repeater in a modular way using DIN rail connectors
• Supply voltage and data signals routed through the DIN rail connectors
• Connections can be plugged in via a COMBICON screw terminal block
• Automatic data rate detection or fixed data rate setting via DIP switches
• Redundant power supply
• High-quality electrical isolation between all interfaces (PROFIBUS // fiber optic ports // power supply // DIN rail connector)
• Approved for use in zone 2
• Integrated optical diagnostics for continuous monitoring of FO paths
• Intrinsically safe fiber optic interface (Ex op is) for direct connection to devices in zone 1
• Floating switch contact for advance warning of critical FO paths
• Suitable for all data rates up to 12 Mbps
• Bit retiming for any cascading depth
• Shipbuilding approval in accordance with DNV GL




Similar Part No. - 2708261

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2708232 PHOENIX-2708232 Datasheet
97Kb / 6P
D-SUB bus connector - SUBCON-PLUS-PROFIB/SC2
2708245 PHOENIX-2708245 Datasheet
85Kb / 6P
D-SUB bus connector - SUBCON-PLUS-PROFIB/PG/SC2
2708274 PHOENIX-2708274 Datasheet
1Mb / 39P
FO converters - PSI-MOS-PROFIB/FO 850 E
Dec 2, 2022
2708287 PHOENIX-2708287 Datasheet
388Kb / 8P
Can be combined with the PSI copper repeater in a modular way using DIN rail connectors
2708290 PHOENIX-2708290 Datasheet
1Mb / 37P
FO converters - PSI-MOS-PROFIB/FO 660 E
Dec 2, 2022
More results


Similar Description - 2708261

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
101972 PHOENIX-101972 Datasheet
804Kb / 30P
PSI-MOS-PROFIB/FO
2313986 PHOENIX-2313986 Datasheet
337Kb / 7P
FO converters - PSI-MOS-DNET/FO 850 T
2313999 PHOENIX-2313999 Datasheet
333Kb / 7P
FO converters - PSI-MOS-DNET/FO 850 E
2708355 PHOENIX-2708355 Datasheet
202Kb / 17P
FO converters - PSI-MOS-RS422/FO 850 E
09/12/2020
2708559 PHOENIX-2708559 Datasheet
239Kb / 20P
FO converters - PSI-MOS-PROFIB/FO1300 E
09/12/2020
2708892 PHOENIX-2708892 Datasheet
221Kb / 19P
FO converters - PSI-MOS-PROFIB/FO1300 T
09/12/2020
2708397 PHOENIX-2708397 Datasheet
1Mb / 31P
FO converters - PSI-MOS-RS422/FO 850 T
Dec 2, 2022
2708711 PHOENIX-2708711 Datasheet
1Mb / 31P
FO converters - PSI-MOS-PROFIB/FO 850 E-SO
Dec 2, 2022
2708274 PHOENIX-2708274 Datasheet
1Mb / 39P
FO converters - PSI-MOS-PROFIB/FO 850 E
Dec 2, 2022
2708290 PHOENIX-2708290 Datasheet
1Mb / 37P
FO converters - PSI-MOS-PROFIB/FO 660 E
Dec 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com