Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2862987 Datasheet (PDF) - PHOENIX CONTACT

2862987 Datasheet PDF - PHOENIX CONTACT
Part # 2862987
Download  2862987 Download
File Size   377.64 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Potential distributors - IB IL PD 24V-PAC

2862987 Datasheet (PDF)

Go To PDF Page Download Datasheet
2862987 Datasheet PDF - PHOENIX CONTACT

Part # 2862987
Download  2862987 Click to download

File Size   377.64 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Potential distributors - IB IL PD 24V-PAC

2862987 Datasheet (HTML) - PHOENIX CONTACT


2862987 Product details

Inline terminal for power distribution (24 V), complete with accessories, (connector and labeling
field) 24 V supply voltage is fed out from the segment circuit (US)

Product Description
The terminal is designed for use within an Inline station. The terminal enables the 24 V supply voltage to be supplied from the segment circuit (US).
It therefore provides the 24 V supply from US for sensors, which are connected to the IB IL 24 DI.../HD-PAC Inline terminals via 1-conductor
technology.

Your advantages
• Supply of the 24 V segment voltage US




Similar Part No. - 2862987

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2862958 PHOENIX-2862958 Datasheet
190Kb / 6P
The illustration shows the version IB IL 24 DI 16-PAC
2862961 PHOENIX-2862961 Datasheet
191Kb / 5P
The illustration shows the article IB IL 24 DO 16-PAC
2862990 PHOENIX-2862990 Datasheet
106Kb / 3P
IB IL PD GND-PAC
logo
Belden Inc.
28629A BELDEN-28629A Datasheet
208Kb / 2P
TC VN/PVC, 37 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
28629A-0105000 BELDEN-28629A-0105000 Datasheet
208Kb / 2P
TC VN/PVC, 37 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
More results


Similar Description - 2862987

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2861344 PHOENIX-2861344 Datasheet
146Kb / 5P
IB IL 24 SEG-PAC
2861771 PHOENIX-2861771 Datasheet
140Kb / 5P
IB IL TEMPCON RTD-PAC
2861807 PHOENIX-2861807 Datasheet
160Kb / 5P
IB IL TEMPCON UTH-PAC
2861849 PHOENIX-2861849 Datasheet
166Kb / 5P
IB IL INC-PAC
2861852 PHOENIX-2861852 Datasheet
161Kb / 6P
IB IL CNT-PAC
2861865 PHOENIX-2861865 Datasheet
155Kb / 5P
IB IL SSI-PAC
2862990 PHOENIX-2862990 Datasheet
106Kb / 3P
IB IL PD GND-PAC
2897457 PHOENIX-2897457 Datasheet
143Kb / 4P
IB IL 24 LSKIP-PAC
106148 PHOENIX-106148 Datasheet
188Kb / 10P
IB IL CNT-XC-PAC
1110987 PHOENIX-1110987 Datasheet
2Mb / 20P
Potential distributors - CAPAROC PD 0V
May 10, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com