Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273917 Datasheet (PDF) - PHOENIX CONTACT

3273917 Datasheet PDF - PHOENIX CONTACT
Part # 3273917
Download  3273917 Download
File Size   546.58 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/18X4 PK

3273917 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273917 Datasheet PDF - PHOENIX CONTACT

Part # 3273917
Download  3273917 Click to download

File Size   546.58 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/18X4 PK

3273917 Datasheet (HTML) - PHOENIX CONTACT


3273917 Product details

Distribution block, nom. voltage: 450 V, nominal current: 32 A, connection method: Push-in
connection, Load contact, cross section: 0.2 mm2 - 6 mm2, Push-in connection, Line contact,
Rated cross section: 10 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: for snapping
onto a DIN rail adapter, Direct mounting with flange, Free-hanging, color: pink

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80 %, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50 % on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273917

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273910 PHOENIX-3273910 Datasheet
546Kb / 21P
Distribution block - PTFIX 10/18X4 BN
Jul 20, 2022
3273912 PHOENIX-3273912 Datasheet
550Kb / 22P
Distribution block - PTFIX 10/18X4 WH
Jun 13, 2022
3273914 PHOENIX-3273914 Datasheet
549Kb / 22P
Distribution block - PTFIX 10/18X4 BK
Jun 13, 2022
3273916 PHOENIX-3273916 Datasheet
545Kb / 21P
Distribution block - PTFIX 10/18X4 VT
Jul 29, 2022
3273918 PHOENIX-3273918 Datasheet
548Kb / 21P
Distribution block - PTFIX 10/18X4 OG
Jul 20, 2022
More results


Similar Description - 3273917

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273587 PHOENIX-3273587 Datasheet
69Kb / 4P
Distribution block - PTFIX 18X4-NS35 PK
3273983 PHOENIX-3273983 Datasheet
481Kb / 19P
Distribution block - PTFIX 18X4-G PK
Jun 24, 2022
3273904 PHOENIX-3273904 Datasheet
551Kb / 22P
Distribution block - PTFIX 10/18X4 RD
Jun 22, 2022
3273719 PHOENIX-3273719 Datasheet
483Kb / 19P
Distribution block - PTFIX 18X4-NS35A PK
Jul 20, 2022
3274049 PHOENIX-3274049 Datasheet
473Kb / 18P
Distribution block - PTFIX 10/18X4-G PK
Jul 29, 2022
3273653 PHOENIX-3273653 Datasheet
478Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 PK
Nov 30, 2022
3273785 PHOENIX-3273785 Datasheet
481Kb / 19P
Distribution block - PTFIX 10/18X4-NS35A PK
Jul 29, 2022
3273873 PHOENIX-3273873 Datasheet
565Kb / 21P
Distribution block - PTFIX 10/6X4 PK
Jul 29, 2022
3273918 PHOENIX-3273918 Datasheet
548Kb / 21P
Distribution block - PTFIX 10/18X4 OG
Jul 20, 2022
3273851 PHOENIX-3273851 Datasheet
556Kb / 22P
Distribution block - PTFIX 18X4 PK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com