Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273932 Datasheet (PDF) - PHOENIX CONTACT

3273932 Datasheet PDF - PHOENIX CONTACT
Part # 3273932
Download  3273932 Download
File Size   470.97 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6X4-G BN

3273932 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273932 Datasheet PDF - PHOENIX CONTACT

Part # 3273932
Download  3273932 Click to download

File Size   470.97 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6X4-G BN

3273932 Datasheet (HTML) - PHOENIX CONTACT


3273932 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, bridged internally, nom. voltage: 450 V, nominal
current: 32 A, connection method: Push-in connection, cross section: 0.2 mm2 - 6 mm2,
mounting type: adhesive, color: brown

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273932

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273930 PHOENIX-3273930 Datasheet
68Kb / 4P
Distribution block - PTFIX 6X4-G GN
3273934 PHOENIX-3273934 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4-G WH
3273936 PHOENIX-3273936 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4-G BK
3273938 PHOENIX-3273938 Datasheet
476Kb / 19P
Distribution block - PTFIX 6X4-G VT
Jun 27, 2022
3273939 PHOENIX-3273939 Datasheet
470Kb / 18P
Distribution block - PTFIX 6X4-G PK
Jul 20, 2022
More results


Similar Description - 3273932

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273536 PHOENIX-3273536 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4-NS35 BN
3273800 PHOENIX-3273800 Datasheet
68Kb / 4P
Distribution block - PTFIX 6X4 BN
3273930 PHOENIX-3273930 Datasheet
68Kb / 4P
Distribution block - PTFIX 6X4-G GN
3273934 PHOENIX-3273934 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4-G WH
3273866 PHOENIX-3273866 Datasheet
571Kb / 22P
Distribution block - PTFIX 10/6X4 BN
Jun 27, 2022
3273602 PHOENIX-3273602 Datasheet
501Kb / 20P
Distribution block - PTFIX 10/6X4-NS35 BN
Jun 23, 2022
3273734 PHOENIX-3273734 Datasheet
503Kb / 20P
Distribution block - PTFIX 10/6X4-NS35A BN
Jun 16, 2022
3273938 PHOENIX-3273938 Datasheet
476Kb / 19P
Distribution block - PTFIX 6X4-G VT
Jun 27, 2022
3273668 PHOENIX-3273668 Datasheet
478Kb / 20P
Distribution block - PTFIX 6X4-NS35A BN
Jun 16, 2022
3273998 PHOENIX-3273998 Datasheet
491Kb / 18P
Distribution block - PTFIX 10/6X4-G BN
Jul 29, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com