Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1509 Datasheet (PDF) - Diodes Incorporated

AP1509 Datasheet PDF - Diodes Incorporated
Part # AP1509_V01
Download  AP1509 Download
File Size   421.98 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150kHz, 2A PWM BUCK DC-DC CONVERTER

AP1509 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1509 Datasheet PDF - Diodes Incorporated

Part # AP1509_V01
Download  AP1509 Click to download

File Size   421.98 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150kHz, 2A PWM BUCK DC-DC CONVERTER

AP1509 Datasheet (HTML) - Diodes Incorporated


AP1509 Product details

Features
• Output Voltage: 3.3V, 5V, 12V, and Adjustable Output Version
• Adjustable Version Output Voltage Range of 1.23V to 18V+4%
• 150kHz +15% Fixed Switching Frequency
• Voltage Mode Non-Synchronous PWM Control
• Thermal-Shutdown and Current-Limit Protection
• ON/OFF Shutdown Control Input
• Operating Voltage up to 22V
• Output Load Current: 2A
• Low Power Standby Mode
• Built-in Switching Transistor On Chip
• Totally Lead-Free & Fully RoHS Compliant (Note 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change control

Applications
• Simple High-Efficiency Step-Down Regulator
• On-Card Switching Regulators
• Positive to Negative Converter




Similar Part No. - AP1509_V01

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1509-12S ANACHIP-AP1509-12S Datasheet
150Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
Rev. 0.1 Nov 27, 2003
AP1509-12SA ANACHIP-AP1509-12SA Datasheet
150Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
Rev. 0.1 Nov 27, 2003
logo
Diodes Incorporated
AP1509-12SG-13 DIODES-AP1509-12SG-13 Datasheet
196Kb / 12P
150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
AP1509-12SG-13 DIODES-AP1509-12SG-13 Datasheet
317Kb / 12P
2A PWM BUCK DC-DC CONVERTER
Rev 5
AP1509-12SG-U DIODES-AP1509-12SG-U Datasheet
196Kb / 12P
150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
More results


Similar Description - AP1509_V01

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
Rev. 0.1 Nov 27, 2003
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD1509 TECHCODE-TD1509 Datasheet
806Kb / 17P
2A 150KHz PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1509 FS-FAC1509 Datasheet
368Kb / 13P
2A 150KHZ PWM Buck DC/DC Converter
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com