Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH7301 Datasheet (PDF) - List of Unclassifed Manufacturers

TH7301 Datasheet PDF - List of Unclassifed Manufacturers
Part # TH7301
Download  TH7301 Download
File Size   279.63 Kbytes
Page   14 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Dual-Channel Programmable Low-Pass Filter

TH7301 Datasheet (PDF)

Go To PDF Page Download Datasheet
TH7301 Datasheet PDF - List of Unclassifed Manufacturers

Part # TH7301
Download  TH7301 Click to download

File Size   279.63 Kbytes
Page   14 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Dual-Channel Programmable Low-Pass Filter

TH7301 Datasheet (HTML) - List of Unclassifed Manufacturers


TH7301 Product details

[Melexis]

Description
The device incorporates two matching 4th-order Butterworth filters with voltage gain control to perform low-pass filtering on quadrature demodulated signals. The cutoff frequency and inband gain are programmable via a standard 3-wire interface. The cutoff frequency can be set between 0.8 MHz and 22.4 MHz and the inband voltage gain can be set between -3 dB and 20 dB. The cutoff frequency value is determined via a 10-bit control word, with smaller step sizes in the lower portion of the cutoff frequency range.

Features
❐ Wide cutoff frequency range (0.8 MHz to 22.4 MHz)
❐ Dual-channel architecture produces superior matching and ease of use for quadrature signals
❐ Companding design provides higher resolution at lower cutoff frequencies
❐ Low power consumption (<105 mA, typical 55 mA from -5 V supply; Fc = 1 MHz @ 25°C)
❐ Single ended or differential input operation possible (AC coupled)
❐ No external components for trimming necessary
❐ Small package (16-pin SOP)

Applications
❐ Digital Broadcasting Systems (DBS) and Digital Video Broadcasting (DVB)
❐ Satellite and cable TV decoders
❐ Microwave point to point links




Similar Part No. - TH7301

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH7301 MELEXIS-TH7301 Datasheet
280Kb / 14P
Dual-Channel Programmable Low-Pass Filter
More results


Similar Description - TH7301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S3529B ETC2-S3529B Datasheet
570Kb / 9P
Programmable High Pass Filter
logo
Hittite Microwave Corpo...
HMC900LP5E HITTITE-HMC900LP5E Datasheet
1Mb / 26P
50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
HMC1044LP3E HITTITE-HMC1044LP3E Datasheet
1Mb / 16P
PROGRAMMABLE HARMONIC LOW PASS FILTER
logo
Mini-Circuits
DLFCV-1000 MINI-DLFCV-1000 Datasheet
668Kb / 4P
Dual Low Pass Filter
LPFD-3040 MINI-LPFD-3040 Datasheet
509Kb / 3P
Dual Low Pass Filter
LPFD-7080 MINI-LPFD-7080 Datasheet
513Kb / 3P
Dual Low Pass Filter
logo
Analog Devices
HMC900LP5E AD-HMC900LP5E Datasheet
1Mb / 26P
50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
HMC1023LP5E AD-HMC1023LP5E Datasheet
1Mb / 34P
72 MHz DUAL PROGRAMMABLE LOW PASS FILTER WITH DRIVER
logo
Mini-Circuits
DLFCV-1750 MINI-DLFCV-1750 Datasheet
883Kb / 4P
Dual Low Pass Filter
logo
Melexis Microelectronic...
TH7301 MELEXIS-TH7301 Datasheet
280Kb / 14P
Dual-Channel Programmable Low-Pass Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com