Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1104 Datasheet (PDF) - ams AG

AS1104 Datasheet PDF - ams AG
Part # AS1104
Download  AS1104 Download
File Size   256.23 Kbytes
Page   13 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Low-Dropout LED Drivers

AS1104 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1104 Datasheet PDF - ams AG

Part # AS1104
Download  AS1104 Click to download

File Size   256.23 Kbytes
Page   13 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Low-Dropout LED Drivers

AS1104 Datasheet (HTML) - ams AG


AS1104 Product details

General Description

The AS1101/AS1102/AS1103/AS1104 are LED drivers designed to match current source bias for any color LED, including white and blue. The devices can drive up to 4 high-current LEDs, and the LED current is programmable using an external resistor (RSET). The AS1101 LED currents are 460 x ISET (per LED, typ) at an LED cathode voltage (VSAT) of 150mV and 650 x ISET (typ) at a VSAT of 1V, where ISET is the current through RSET connected to pin CTRL. The AS1102, AS1103, and AS1104 LED currents are 230 x ISET (per LED, typ) at a VSAT of 150mV and 325 x ISET (typ) at a VSAT of 1V.



Key Features

LED Drivers for Parallel-Connected LEDs

Ultra-Low Voltage Drop: Less Than 150mV (for Liion Battery Support)

Analog and PWM Brightness Control

Up to 80mA per LED (AS1101)

Up to 40mA per LED (AS1102, AS1103, AS1104)

No Electromagnetic Interference, No Switching Noise

Current-Matching Requires No External Components

Active-Low Shutdown Mode (AS1101, AS1102,and AS1103)

Low Shutdown-Current: Less Than 1µA

SC70-6 Package (AS1101, AS1102, and AS1103)

MSOP-8 Package (AS1104)



Applications

The AS110x devices are ideal for LED displays and key board backlights, as well as lighting management units for battery powered audio devices such as MP3 and CD players, mobile and cordless phones, PDAs, portable DVD players, and consumer electronics.




Similar Part No. - AS1104

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1104 AMSCO-AS1104 Datasheet
481Kb / 13P
Low-Dropout LED Drivers
AS1104 AMSCO-AS1104 Datasheet
912Kb / 14P
Low-Dropout LED Drivers
logo
ams-OSRAM AG
AS1104 AMSOSRAM-AS1104 Datasheet
1Mb / 15P
Low-Dropout LED Drivers
Revision 1.5
logo
ams AG
AS1104-T AMSCO-AS1104-T Datasheet
481Kb / 13P
Low-Dropout LED Drivers
AS1104-T AMSCO-AS1104-T Datasheet
912Kb / 14P
Low-Dropout LED Drivers
More results


Similar Description - AS1104

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5611 FAIRCHILD-FAN5611 Datasheet
168Kb / 12P
Low-Dropout LED Drivers for White, Blue or any Color LED
FAN5611 FAIRCHILD-FAN5611_06 Datasheet
702Kb / 14P
Low-Dropout LED Drivers for White, Blue, or any Color LED
logo
YOBON TECHNOLOGIES,INC.
YB1303 YOBON-YB1303 Datasheet
443Kb / 8P
Low Dropout LED Driver
logo
Exar Corporation
SP7612 EXAR-SP7612 Datasheet
463Kb / 14P
Low Dropout Linear LED Driver
logo
ams AG
AS1101 AMSCO-AS1101_1 Datasheet
481Kb / 13P
Low-Dropout LED Drivers
AS1101 AMSCO-AS1101_04 Datasheet
912Kb / 14P
Low-Dropout LED Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1101 TAOS-AS1101 Datasheet
912Kb / 14P
Low-Dropout LED Drivers
AS1102 TAOS-AS1102 Datasheet
912Kb / 14P
Low-Dropout LED Drivers
AS1107 TAOS-AS1107 Datasheet
1Mb / 22P
Low-Dropout LED Drivers
logo
ams AG
AS1111 AMSCO-AS1111 Datasheet
803Kb / 22P
Low?밆ropout LED Drivers
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com