Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1108 Datasheet (PDF) - ams AG

AS1108 Datasheet PDF - ams AG
Part # AS1108
Download  AS1108 Download
File Size   601.0 Kbytes
Page   19 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 4-Digit LED Display Driver

AS1108 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1108 Datasheet PDF - ams AG

Part # AS1108
Download  AS1108 Click to download

File Size   601.0 Kbytes
Page   19 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 4-Digit LED Display Driver

AS1108 Datasheet (HTML) - ams AG


AS1108 Product details

General Description

The AS1108 is a compact display driver for 7-segment numeric displays of up to 4 digits. The device can be programmed via SPI, QSPI, and Microwire as well as a conventional 4-wire serial interface.

The device includes an integrated BCD code-B/HEX decoder, multiplex scan circuitry, segment and display drivers, and a 32-bit memory. Internal memory stores the LED settings, eliminating the need for continuous

device reprogramming.



Key Features

10MHz SPI-, QSPI-, Microwire-Compatible Serial I/O

Individual LED Segment Control

Segment Blinking Control (can be synchronized across multiple drivers)

Hexadecimal- or BCD-Code/No-Decode Digit Selection

3µA Low-Power Shutdown Current (typ; data retained)

Extremely Low Operating Current 0.5mA in Open-Loop

Digital and Analog Brightness Control

Display Blanked on Power-Up

Drive Common-Cathode LED Displays

Supply Voltage Range: +2.7 to +5.5V

Software Reset

Optional External Clock

Packages:

 - 20-pin DIP

 - 20-pin SOIC



Applications

The AS1108 is ideal for bar-graph displays, instrument panel meters, LED matrix displays, dot matrix displays, set-top boxes, white goods, professional audio equipment, medical equipment, industrial controllers and panel meters.




Similar Part No. - AS1108

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1108 AMSCO-AS1108 Datasheet
592Kb / 19P
4-Digit LED Display Driver
AS1108 AMSCO-AS1108 Datasheet
1Mb / 21P
4-Digi t LED Display Dr iver
logo
TEXAS ADVANCED OPTOELEC...
AS1108 TAOS-AS1108 Datasheet
1Mb / 21P
4-Digi t LED Display Dr iver
logo
ams-OSRAM AG
AS1108 AMSOSRAM-AS1108 Datasheet
1Mb / 22P
4-Digi t LED Display Dr iver
Revision 2.13
logo
ams AG
AS1108PL AMSCO-AS1108PL Datasheet
592Kb / 19P
4-Digit LED Display Driver
More results


Similar Description - AS1108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7218 MAXIM-ICM7218 Datasheet
460Kb / 12P
8 Digit LED Display Driver
logo
Intersil Corporation
ICM7211AM INTERSIL-ICM7211AM Datasheet
258Kb / 7P
4-Digit, LCD Display Driver
November 16, 2004
ICM7211A INTERSIL-ICM7211A Datasheet
162Kb / 9P
4-Digit, LCD Display Driver
ICM7211AM INTERSIL-ICM7211AM_06 Datasheet
204Kb / 8P
4-Digit, LCD Display Driver
April 17, 2006
logo
BetLux Electronics
BL-Q25E-41S BETLUX-BL-Q25E-41S Datasheet
136Kb / 4P
LED NUMERIC DISPLAY, 4 DIGIT
REV NO: V.2
BL-Q25E-41S BETLUX-BL-Q25E-41S Datasheet
136Kb / 4P
LED NUMERIC DISPLAY, 4 DIGIT
REV NO: V.2
BL-Q28M-41S BETLUX-BL-Q28M-41S Datasheet
74Kb / 4P
LED NUMERIC DISPLAY, 4 DIGIT
REV NO: V.2
logo
ams AG
AS1108 AMSCO-AS1108_1 Datasheet
592Kb / 19P
4-Digit LED Display Driver
logo
Intersil Corporation
ICM7211AMlM44 INTERSIL-ICM7211AMlM44 Datasheet
223Kb / 9P
4-Digit, LCD Display Driver
October 22, 2015
logo
Renesas Technology Corp
ICM7211AM RENESAS-ICM7211AM Datasheet
459Kb / 9P
4-Digit, LCD Display Driver
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com