Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1120 Datasheet (PDF) - ams AG

AS1120 Datasheet PDF - ams AG
Part # AS1120
Download  AS1120 Download
File Size   473.84 Kbytes
Page   12 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 46-Segment LCD Driver

AS1120 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1120 Datasheet PDF - ams AG

Part # AS1120
Download  AS1120 Click to download

File Size   473.84 Kbytes
Page   12 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 46-Segment LCD Driver

AS1120 Datasheet (HTML) - ams AG


AS1120 Product details

General Description
The AS1120 is an LCD direct-driver capable of driving up to 46 LCD segments with one non-multiplexed backplane.
The device contains an integrated serial-to-parallel interface and generates the necessary signals to drive LCD panels.
Internal synchronous backplane signal regeneration allows the device to mix different drivers with different LCDs for superior brightness stability over a wide temperature range. The device also supports external backplane signals.

Key Features
■ 46-Segment LCD Driver
■ Serial-to-Parallel Interface
■ Integrated Oscillator w/ External R/C and Backplane Input
■ Supports Alphanumeric and Bar-Graph Devices
■ Two Data Transfer Configurations:
    - Cascade
    - Parallel
■ Non-Multiplexed Backplane
■ Very-Low Current Consumption
■ Power Supply Range: -0.3 to +7.0V
■ Operating Temperature Range: -40 to +85ºC
■ 64-pin LQFP Package

Applications
    The device is ideal for industrial LCD systems, portable system displays, panel meters with wide temperature ranges, high-performance optical displays, or for any other space-limited A/D application with low power-consumption and single-supply requirements.




Similar Part No. - AS1120

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1120 AMSCO-AS1120 Datasheet
357Kb / 13P
46-Segment LCD Driver
AS1120 AMSCO-AS1120_1 Datasheet
357Kb / 13P
46-Segment LCD Driver
More results


Similar Description - AS1120

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9706KS ROHM-BU9706KS Datasheet
59Kb / 6P
LCD segment driver
logo
ams AG
AS1120 AMSCO-AS1120_1 Datasheet
357Kb / 13P
46-Segment LCD Driver
logo
Rohm
BU9794KV ROHM-BU9794KV Datasheet
702Kb / 23P
For 200 Segment type LCD LCD Segment Driver
BU97941FV ROHM-BU97941FV Datasheet
567Kb / 25P
Multifunction LCD Segment Driver
BU97941FV-LB ROHM-BU97941FV-LB Datasheet
847Kb / 26P
Multifunction LCD Segment Driver
BU9794AKV ROHM-BU9794AKV Datasheet
1Mb / 26P
Standard LCD Segment Driver
BU9796AFS-E2 ROHM-BU9796AFS-E2 Datasheet
682Kb / 32P
Standard LCD Segment Driver
logo
Motorola, Inc
MC141511A MOTOROLA-MC141511A Datasheet
285Kb / 17P
LCD Segment Driver
logo
SHANGHAI BELLING CO., L...
BL55072A BELLING-BL55072A Datasheet
694Kb / 12P
LCD Segment Driver
logo
Princeton Technology Co...
PT16597 PTC-PT16597 Datasheet
144Kb / 3P
LCD Segment Driver
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com