Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1916 Datasheet (PDF) - ams AG

AS1916 Datasheet PDF - ams AG
Part # AS1916
Download  AS1916 Download
File Size   401.65 Kbytes
Page   13 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Microprocessor Supervisory Circuits with Manual Reset and Watchdog

AS1916 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1916 Datasheet PDF - ams AG

Part # AS1916
Download  AS1916 Click to download

File Size   401.65 Kbytes
Page   13 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Microprocessor Supervisory Circuits with Manual Reset and Watchdog

AS1916 Datasheet (HTML) - ams AG


AS1916 Product details

General Description
The AS1916 - AS1918 microprocessor supervisory circuits were designed to generate a reset when the monitored supply voltage falls below a factory-trimmed threshold. The reset remains asserted for a minimum timeout period after the supply voltage stabilizes.
Guaranteed to be in the correct state for VCC higher than +1.0V, these devices are ideal for portable and battery-powered systems with strict monitoring requirements.
The devices feature factory-trimmed thresholds to monitor a supply voltage between 1.8 and 3.6V.

Key Features
■ VCC Supervisory Range: +1.8 to +3.6V
■ Guaranteed Reset Valid Down to VCC = +1.0V
■ Reset Timeout Delay: 215ms
■ Manual Reset Input
■ Three Reset Output Types
    - Active-Low Push/Pull (AS1916)
    - Active-High Push/Pull (AS1917)
    - Active-Low Open-Drain (AS1918)
■ Watchdog Timeout Period: 1.5s
■ Immune to Fast Negative VCC Transients
■ External Components Not Required
■ Operating Temperature Range: -40 to +125°C
■ 5-pin SOT23 Package

Applications
    The devices are ideal for portable and battery-powered systems, embedded controllers, intelligent instruments, automotive systems, and critical CPU monitoring applications.




Similar Part No. - AS1916

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
323Kb / 13P
AS1916 - AS1918
AS1916 AMSCO-AS1916 Datasheet
832Kb / 15P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916R-T AMSCO-AS1916R-T Datasheet
323Kb / 13P
AS1916 - AS1918
AS1916R-T AMSCO-AS1916R-T Datasheet
832Kb / 15P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
ams-OSRAM AG
AS1916R-T AMSOSRAM-AS1916R-T Datasheet
1Mb / 16P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
Revision 1.04
More results


Similar Description - AS1916

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3709 NSC-LM3709 Datasheet
232Kb / 11P
Microprocessor Supervisory Circuits with Low Line Output, Manual Reset and Watchdog Timer
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823 Datasheet
115Kb / 6P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1910 AMSCO-AS1910 Datasheet
158Kb / 2P
Dual-Voltage Microprocessor Supervisory Circuits with Reset and Watchdog
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1910 AMSCO-AS1910_1 Datasheet
384Kb / 15P
Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Maxim Integrated Produc...
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
ams AG
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com