Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2243C Datasheet (PDF) - Alpha Wire

2243C Datasheet PDF - Alpha Wire
Part # 2243C
Download  2243C Download
File Size   92.95 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2243C Datasheet (PDF)

Go To PDF Page Download Datasheet
2243C Datasheet PDF - Alpha Wire

Part # 2243C
Download  2243C Click to download

File Size   92.95 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2243C Datasheet (HTML) - Alpha Wire


2243C Product details

Construction
1) Component 1
a) Conductor
b) Insulation
(1) Color Code
Pair
1
c) Pair
(1) Twists:
2) Cable Assembly
a) Twists:
b) Orientation:
3) Shield:
a) Foil Direction
b) Drain Wire
4) Jacket
a) Color(s)
b) Print
Color
BLACK-RED
3 X 1 PAIR
18 (16/30) AWG Tinned Copper
0.016" Wall, Nom. PVC
Alpha Wire Color Code A
Pair
Color
2
BLACK-WHITE
2/Cond Cabled Together
5.3 Twists/foot (min)
3 Components Cabled
3.0 Twists/foot (min)
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
Diameters (In)
0.047
0.079
Pair
3
Color
0.357 (0.372 Max.)
BLACK-GREEN
Alum/Mylar Tape, 25% Overlap, Min.
Foil Facing Out
20 (10/30) AWG Tinned Copper
0.037" Wall, Nom.,PVC
SLATE
ALPHA WIRE-* P/N 2243C 3PR 18 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2464 OR C(UL)
75C TYPE CMG FT4 CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 2243C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2243C ALPHAWIRE-2243C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
More results


Similar Description - 2243C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com