Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22543 Datasheet (PDF) - Alpha Wire

22543 Datasheet PDF - Alpha Wire
Part # 22543
Download  22543 Download
File Size   92.48 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

22543 Datasheet (PDF)

Go To PDF Page Download Datasheet
22543 Datasheet PDF - Alpha Wire

Part # 22543
Download  22543 Click to download

File Size   92.48 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

22543 Datasheet (HTML) - Alpha Wire


22543 Product details

Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1 3 X 1 COND
a) Conductor 22 (7/30) AWG Tinned Copper 0.030
b) Insulation 0.016" Wall, Nom. PVC 0.062
(1) Color Code Alpha Wire Color Code D1
Cond Color Cond Color Cond Color
1 BLACK 2 RED 3 WHITE
2) Cable Assembly 3 Components Cabled
a) Twists: 6.0 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap Clear Mylar Tape, 25% Overlap, Min.
3) Shield
Bare Copper SPIRAL Shield,95%
Coverage, Min.
4) Jacket 0.020" Wall, Nom.,PVC 0.187 (0.197 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 2254/3
RU AWM 2095 80C 300V VW-1 CE ROHS
* = Factory Code




Similar Part No. - 22543

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
22543356 HUBERSUHNER-22543356 Datasheet
499Kb / 2P
COAXIAL ADAPTER, SMA, 50 Ohm, T-style, 1 plug (male), 2 jacks (female)
22543357 HUBERSUHNER-22543357 Datasheet
512Kb / 2P
COAXIAL ADAPTER, SMA, 50 Ohm, T-style, 3 jacks (female)
22543406 HUBERSUHNER-22543406 Datasheet
590Kb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight bulkhead cable jack (female)
22543407 HUBERSUHNER-22543407 Datasheet
515Kb / 2P
COAXIAL ADAPTER, TNC, 50 Ohm, plug / plug (male / male)
22543458 HUBERSUHNER-22543458 Datasheet
493Kb / 2P
COAXIAL ADAPTER, N - SMA, 50 Ohm, Panel, jack / jack (female / female), flange mount
More results


Similar Description - 22543

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com