Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TV0202GA-R500XN-91 Datasheet (PDF) - Vishay Barry

TV0202GA-R500XN-91 Datasheet PDF - Vishay Barry
Part # TV0202GA-R500XN-91
Download  TV0202GA-R500XN-91 Download
File Size   186.73 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description Alumina and BeO

TV0202GA-R500XN-91 Datasheet (PDF)

Go To PDF Page Download Datasheet
TV0202GA-R500XN-91 Datasheet PDF - Vishay Barry

Part # TV0202GA-R500XN-91
Download  TV0202GA-R500XN-91 Click to download

File Size   186.73 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description Alumina and BeO

TV0202GA-R500XN-91 Datasheet (HTML) - Vishay Barry


TV0202GA-R500XN-91 Product details

General Description:
The TV0202 series is a chip termination with a
frequency range up to 6 GHz. It offers a small package
design and has a peak voltage of 20V. It is available in
BeO and Alumina with several mounting options.

Features:
♦ Compact Design
♦ DC - 6 GHz Performance
♦ Several Mounting Options Available




Similar Part No. - TV0202GA-R500XN-91

ManufacturerPart #DatasheetDescription
logo
Amphenol PCD, Inc
TV02DB11-H9 AMPHENOLPCD-TV02DB11-H9 Datasheet
3Mb / 12P
HIGH DENSITY INTERCONNECTS
TV02DB11-J9 AMPHENOLPCD-TV02DB11-J9 Datasheet
3Mb / 12P
HIGH DENSITY INTERCONNECTS
TV02DB11-P9 AMPHENOLPCD-TV02DB11-P9 Datasheet
3Mb / 12P
HIGH DENSITY INTERCONNECTS
TV02DB11-S9 AMPHENOLPCD-TV02DB11-S9 Datasheet
3Mb / 12P
HIGH DENSITY INTERCONNECTS
TV02DB13-H9 AMPHENOLPCD-TV02DB13-H9 Datasheet
3Mb / 12P
HIGH DENSITY INTERCONNECTS
More results


Similar Description - TV0202GA-R500XN-91

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RP0502ZZ-XXXXWN-YY BARRY-RP0502ZZ-XXXXWN-YY Datasheet
41Kb / 1P
BeO or Alumina
11/05/12
RP0504ZZ-XXXXWN-YY BARRY-RP0504ZZ-XXXXWN-YY Datasheet
41Kb / 1P
BeO or Alumina
Rev.A 11/23/11
RK0302CB-XXXXWN-AA BARRY-RK0302CB-XXXXWN-AA Datasheet
545Kb / 1P
BeO or Alumina
11/21/06
RK0402ZZ-XXXXWN-YY BARRY-RK0402ZZ-XXXXWN-YY Datasheet
99Kb / 1P
BeO or Alumina
Rev.A 11/03/09
RK0502ZZ-XXXXWN-YY BARRY-RK0502ZZ-XXXXWN-YY Datasheet
170Kb / 1P
BeO or Alumina
11/02/07
RK0505ZZ-XXXXWN-YY BARRY-RK0505ZZ-XXXXWN-YY Datasheet
170Kb / 1P
BeO or Alumina
Rev.A 12/10/07
RK1005ZZ-XXXXWN-YY BARRY-RK1005ZZ-XXXXWN-YY Datasheet
102Kb / 1P
BeO or Alumina
Rev.A 06/02/14
RK1206ZZ-XXXXWN-YY BARRY-RK1206ZZ-XXXXWN-YY Datasheet
99Kb / 1P
Alumina, BeO Free, BeO and AlN
02/11/10
RS1005ZZ-XXXXWN-YY BARRY-RS1005ZZ-XXXXWN-YY Datasheet
49Kb / 1P
BeO or Alumina Material
03/22/12
RE0805CT-XXXXJN-AA BARRY-RE0805CT-XXXXJN-AA Datasheet
185Kb / 1P
BeO, BeO FREE, or Alumina
Rev.B 03/25/08
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com