Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17S Datasheet (PDF) - Vishay Siliconix

17S Datasheet PDF - Vishay Siliconix
Part # 17S
Download  17S Download
File Size   60.71 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Multi-Turn 1/4 (6.35 mm) Square Wirewound Trimmers

17S Datasheet (PDF)

Go To PDF Page Download Datasheet
17S Datasheet PDF - Vishay Siliconix

Part # 17S
Download  17S Click to download

File Size   60.71 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Multi-Turn 1/4 (6.35 mm) Square Wirewound Trimmers

17S Datasheet (HTML) - Vishay Siliconix


17S Product details

FEATURES
• Precious metal wiper
• 0.25 W to +85 °C
• TCR < 50 ppm/°C
• Solderable leads
• Special configurations available
• Military quality at affordable prices




Similar Part No. - 17S

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
17S101-40ML5 ROSENBERGER-17S101-40ML5 Datasheet
716Kb / 2P
STRAIGHT PLUG PCB LIMITED DETENT
17S144-40ML5 ROSENBERGER-17S144-40ML5 Datasheet
202Kb / 2P
STRAIGHT PLUG PCB CATCHERS MIT
17S145-40ML5 ROSENBERGER-17S145-40ML5 Datasheet
97Kb / 2P
STRAIGHT PLUG PCB CATCHERS MIT
17S14A-40PL5 ROSENBERGER-17S14A-40PL5 Datasheet
123Kb / 2P
STRAIGHT PLUG PCB CATCHERS MIT
17S14D-400L5 ROSENBERGER-17S14D-400L5 Datasheet
191Kb / 2P
Straight Plug PCB
More results


Similar Description - 17S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T93 VISHAY-T93 Datasheet
155Kb / 3P
3/8 Square Multi-Turn Cermet Trimmers
05-Aug-04
T73 VISHAY-T73 Datasheet
143Kb / 4P
1/4" Square Single-Turn Cermet Sealed Trimmers
24-Jan-07
logo
TOCOSAMERICA, INC.
GV6 TOCOS-GV6 Datasheet
298Kb / 5P
1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
logo
Vishay Siliconix
TS63Y503KR10 VISHAY-TS63Y503KR10 Datasheet
106Kb / 5P
Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
08-Feb-10
TS6 VISHAY-TS6_17 Datasheet
116Kb / 5P
Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
22-Sep-15
TS63 VISHAY-TS63_17 Datasheet
121Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers Fully Sealed
22-Sep-15
117S_VO1 VISHAY-117S_VO1 Datasheet
70Kb / 3P
Multi-Turn 3/8" (9.52 mm) Square Wirewound Trimmers
20-Jul-2021
TS63 VISHAY-TS63_V01 Datasheet
111Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
17-Oct-2018
TS6 VISHAY-TS6_V01 Datasheet
97Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
22-Sep-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com