Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18S Datasheet (PDF) - Vishay Siliconix

18S Datasheet PDF - Vishay Siliconix
Part # 18S
Download  18S Download
File Size   60.71 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Multi-Turn 1/4 (6.35 mm) Square Wirewound Trimmers

18S Datasheet (PDF)

Go To PDF Page Download Datasheet
18S Datasheet PDF - Vishay Siliconix

Part # 18S
Download  18S Click to download

File Size   60.71 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Multi-Turn 1/4 (6.35 mm) Square Wirewound Trimmers

18S Datasheet (HTML) - Vishay Siliconix


18S Product details

FEATURES
• Precious metal wiper
• 0.25 W to +85 °C
• TCR < 50 ppm/°C
• Solderable leads
• Special configurations available
• Military quality at affordable prices




Similar Part No. - 18S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
18S-2000 ETC1-18S-2000 Datasheet
13Kb / 2P
Hercules Encoder Accessories
18S-2010 ETC1-18S-2010 Datasheet
13Kb / 2P
Hercules Encoder Accessories
18S-2020 ETC1-18S-2020 Datasheet
13Kb / 2P
Hercules Encoder Accessories
logo
Multicomp Pro
18S-2D MULTICOMP-18S-2D Datasheet
74Kb / 1P
Knobs
17/01/12 V1.1
logo
List of Unclassifed Man...
18S-2XXX ETC1-18S-2XXX Datasheet
13Kb / 2P
Hercules Encoder Accessories
More results


Similar Description - 18S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T93 VISHAY-T93 Datasheet
155Kb / 3P
3/8 Square Multi-Turn Cermet Trimmers
05-Aug-04
T73 VISHAY-T73 Datasheet
143Kb / 4P
1/4" Square Single-Turn Cermet Sealed Trimmers
24-Jan-07
logo
TOCOSAMERICA, INC.
GV6 TOCOS-GV6 Datasheet
298Kb / 5P
1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
logo
Vishay Siliconix
TS63Y503KR10 VISHAY-TS63Y503KR10 Datasheet
106Kb / 5P
Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
08-Feb-10
TS6 VISHAY-TS6_17 Datasheet
116Kb / 5P
Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
22-Sep-15
TS63 VISHAY-TS63_17 Datasheet
121Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers Fully Sealed
22-Sep-15
117S_VO1 VISHAY-117S_VO1 Datasheet
70Kb / 3P
Multi-Turn 3/8" (9.52 mm) Square Wirewound Trimmers
20-Jul-2021
TS63 VISHAY-TS63_V01 Datasheet
111Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
17-Oct-2018
TS6 VISHAY-TS6_V01 Datasheet
97Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
22-Sep-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com