Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

249 Datasheet (PDF) - Vishay Siliconix

249 Datasheet PDF - Vishay Siliconix
Part # 249
Download  249 Download
File Size   82.21 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometers

249 Datasheet (PDF)

Go To PDF Page Download Datasheet
249 Datasheet PDF - Vishay Siliconix

Part # 249
Download  249 Click to download

File Size   82.21 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometers

249 Datasheet (HTML) - Vishay Siliconix


249 Product details

FEATURES
• Model 248: 0.5 W at 70 °C (conductive plastic
element)
• Model 249: 1 W at 70 °C (cermet element)
• Cost effective panel potentiometer
• PCB mounting
• Tests according to CECC 41000 or IEC 60393-1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 249

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
249 VISHAY-249 Datasheet
97Kb / 3P
1/2 (12.7 mm) Conductive Plastic & Cermet Potentiometers
02-Jul-07
logo
Walther-Werke
249 WALTHER-249 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Glenair, Inc.
249-001 GLENAIR-249-001 Datasheet
118Kb / 2P
Conductive O-Ring
249-001-09-B GLENAIR-249-001-09-B Datasheet
286Kb / 2P
Conductive O-Ring for EMI Shielding
249-001-09-C GLENAIR-249-001-09-C Datasheet
286Kb / 2P
Conductive O-Ring for EMI Shielding
More results


Similar Description - 249

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PRV6 VISHAY-PRV6 Datasheet
167Kb / 3P
Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
15-Apr-02
248 VISHAY-248 Datasheet
97Kb / 3P
1/2 (12.7 mm) Conductive Plastic & Cermet Potentiometers
02-Jul-07
148 VISHAY-148 Datasheet
116Kb / 4P
1/2 (12.7 mm) Conductive Plastic and Cermet Potentiometers
31-Jul-06
PRV6 VISHAY-PRV6_06 Datasheet
137Kb / 4P
Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
29-Jun-06
P11 VISHAY-P11 Datasheet
260Kb / 14P
12.5 mm Modular Panel Potentiometers Cermet (P11S) or Conductive Plastic Elements (P11A)
16-Jun-08
logo
List of Unclassifed Man...
VR24 ETC-VR24 Datasheet
415Kb / 1P
CERMET TRIMMING POTENTIOMETERS
logo
Vishay Siliconix
P11S VISHAY-P11S_17 Datasheet
256Kb / 15P
12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
20-Jul-17
142 VISHAY-142 Datasheet
85Kb / 3P
1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
08-Dec-17
208 VISHAY-208 Datasheet
103Kb / 4P
1 3/4" (44.5 mm) Single Turn Conductive Plastic Precision PotentiometerS
22-Nov-16
148 VISHAY-148_V01 Datasheet
125Kb / 5P
1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometer
12-Apr-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com