Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCALUG Datasheet (PDF) - Vishay Siliconix

NTCALUG Datasheet PDF - Vishay Siliconix
Part # NTCALUG
Download  NTCALUG Download
File Size   80.98 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Custom Capabilities NTC LUG Ring Tongue

NTCALUG Datasheet (PDF)

Go To PDF Page Download Datasheet
NTCALUG Datasheet PDF - Vishay Siliconix

Part # NTCALUG
Download  NTCALUG Click to download

File Size   80.98 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Custom Capabilities NTC LUG Ring Tongue

NTCALUG Datasheet (HTML) - Vishay Siliconix


NTCALUG Product details

CAPABILITIES
• For different screw sizes, M2 to M8
• For different screw sizes, STUD#1 to #5/16
• Cables cross sections AWG#24 down to AWG#32
• Different cable lengths available
• Various RT tables (electrical curves)
• Standard connectors available
• AEC-Q200 qualified available
• UL certifications available
• Minimum breakdown voltages 500 VAC up to 3 000 VAC
• Insulated cables or non insulated wires
• Copper or nickel conductors, tin or silver plated
• Specific designs for high temperature operation for
example 150 °C long term
• Designs for minimum breakdown voltage and insulation
resistance
• 5 kV impulse voltage available (IEC 61800-5-1)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - NTCALUG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
NTC Thermistors, Standard Lug Sensors
08-Aug-12
NTCALUG01A VISHAY-NTCALUG01A Datasheet
91Kb / 3P
NTC Thermistors, Standard Lug Sensors
17-Nov-17
NTCALUG01A VISHAY-NTCALUG01A Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors
12-Oct-2018
NTCALUG01A VISHAY-NTCALUG01A Datasheet
110Kb / 3P
NTC Thermistors, Standard Lug Sensors
01-Mar-2022
NTCALUG01A103F VISHAY-NTCALUG01A103F Datasheet
91Kb / 3P
NTC Thermistors, Standard Lug Sensors
17-Nov-17
More results


Similar Description - NTCALUG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
NTC Thermistors, Standard Lug Sensors
08-Aug-12
logo
Tyco Electronics
62638-1 MACOM-62638-1 Datasheet
52Kb / 1P
RING TONGUE
logo
List of Unclassifed Man...
SRA-01T-3.2 ETC2-SRA-01T-3.2 Datasheet
131Kb / 3P
RING TONGUE TERMINAL
logo
Vishay Siliconix
NTCALUG01T VISHAY-NTCALUG01T Datasheet
72Kb / 2P
NTC Thermistors, Standard Lug Sensors
12-Oct-15
NTCALUG03 VISHAY-NTCALUG03_17 Datasheet
110Kb / 3P
NTC Thermistors, Mini Lug Sensors
03-Mar-17
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors
12-Oct-2018
NTCALUG01A VISHAY-NTCALUG01A_V01 Datasheet
110Kb / 3P
NTC Thermistors, Standard Lug Sensors
01-Mar-2022
NTCALUG03A VISHAY-NTCALUG03A_V01 Datasheet
159Kb / 4P
NTC Thermistors, Mini Lug Sensors
21-Feb-2022
NTCALUG54A VISHAY-NTCALUG54A Datasheet
108Kb / 3P
NTC Thermistors, Standard Lug Sensors
21-Feb-2022
POSISENSORSVARIARES VISHAY-POSISENSORSVARIARES Datasheet
169Kb / 3P
Custom Capabilities Position Sensors and Variable Resistors
06-Oct-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com