Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P10L Datasheet (PDF) - Vishay Siliconix

P10L Datasheet PDF - Vishay Siliconix
Part # P10L_V01
Download  P10L Download
File Size   86.57 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed

P10L Datasheet (PDF)

Go To PDF Page Download Datasheet
P10L Datasheet PDF - Vishay Siliconix

Part # P10L_V01
Download  P10L Click to download

File Size   86.57 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed

P10L Datasheet (HTML) - Vishay Siliconix


P10L Product details

FEATURES
• 500 000 cycles
• Cermet element
• Low temperature coefficient
(± 150 ppm/°C typical)
• Plastic housing and shaft
• Compact (3/8" square)
• Fully sealed
• Test according to CECC 41000 or IEC 60393-1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - P10L_V01

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
P10L150SP PFC-P10L150SP Datasheet
726Kb / 5P
10A 150V MOS Schottky Rectifier
P10L200SP PFC-P10L200SP Datasheet
726Kb / 5P
10A 200V MOS Schottky Rectifier
P10L300D PFC-P10L300D Datasheet
634Kb / 6P
10A 300V MOS Schottky Rectifier
P10L300E PFC-P10L300E Datasheet
634Kb / 6P
10A 300V MOS Schottky Rectifier
P10L300SP PFC-P10L300SP Datasheet
730Kb / 5P
10A 300V MOS Schottky Rectifier
More results


Similar Description - P10L_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P10L VISHAY-P10L Datasheet
122Kb / 5P
Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
10-Dec-07
P30L VISHAY-P30L Datasheet
133Kb / 5P
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
04-Sep-08
P10 VISHAY-P10_17 Datasheet
105Kb / 5P
3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
04-Jul-17
P11L VISHAY-P11L Datasheet
216Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
04-Jul-17
P12 VISHAY-P12_17 Datasheet
144Kb / 6P
Fully Sealed Container Cermet Potentiometer
04-Jul-17
P13 VISHAY-P13_17 Datasheet
137Kb / 7P
Fully Sealed Container Cermet Potentiometer
04-Jul-17
P13L VISHAY-P13L Datasheet
152Kb / 7P
Long Life Cermet Potentiometer up to 2 Million Cycles
04-Jul-17
P11L VISHAY-P11L_V01 Datasheet
185Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
02-Nov-2021
P13L VISHAY-P13L_V01 Datasheet
143Kb / 6P
Long Life Cermet Potentiometer up to 2 Million Cycles
30-Jul-2021
P30L VISHAY-P30L_V01 Datasheet
150Kb / 6P
Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
25-Jul-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com