Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDRH Datasheet (PDF) - Vishay Siliconix

VDRH Datasheet PDF - Vishay Siliconix
Part # VDRH
Download  VDRH Download
File Size   228.13 Kbytes
Page   25 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description VDR Metal Oxide Varistors High Surge

VDRH Datasheet (PDF)

Go To PDF Page Download Datasheet
VDRH Datasheet PDF - Vishay Siliconix

Part # VDRH
Download  VDRH Click to download

File Size   228.13 Kbytes
Page   25 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description VDR Metal Oxide Varistors High Surge

VDRH Datasheet (HTML) - Vishay Siliconix


VDRH Product details

FEATURES
• Low β high purity zinc oxide disc
• Halogen free insulating epoxy coating
• Straight or kinked leads
• Higher current surge/size ratio capability up to
10 kA for H20 types
• Certified for operation up to 85 °C according to
UL 1449 edition 4, VDE/IEC 61051-1/2
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

DESCRIPTION
The varistors consist of a disc of low-ß ceramic material with
two solid copper leads (H20 types only) or copper clad steel
wire. The wires have a matte tin plating. They are coated
with UL 94 V-0 approved ocher colored halogen-free epoxy,
which provides electrical, mechanical and climatic
protection. The encapsulation is resistant to all cleaning
solvents in accordance with IEC 60068-2-45




Similar Part No. - VDRH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
VDR Metal Oxide Varistors High Surge
19-Jun-15
VDRH05B011xyE VISHAY-VDRH05B011xyE Datasheet
248Kb / 25P
VDR Metal Oxide Varistors High Surge
19-Jun-15
VDRH05B014xyE VISHAY-VDRH05B014xyE Datasheet
248Kb / 25P
VDR Metal Oxide Varistors High Surge
19-Jun-15
VDRH05B017xyE VISHAY-VDRH05B017xyE Datasheet
248Kb / 25P
VDR Metal Oxide Varistors High Surge
19-Jun-15
VDRH05B020xyE VISHAY-VDRH05B020xyE Datasheet
248Kb / 25P
VDR Metal Oxide Varistors High Surge
19-Jun-15
More results


Similar Description - VDRH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
logo
Vishay Siliconix
46500 VISHAY-46500 Datasheet
255Kb / 18P
VDR Metal Oxide Varistors Standard
07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
VDR Metal Oxide Varistors Standard
07-Jun-10
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
VDR Metal Oxide Varistors High Surge
29-Oct-12
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
VDR Metal Oxide Varistors Standard
07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
VDR Metal Oxide Varistors Standard
24-Jun-09
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
VDR Metal Oxide Varistors High Surge
19-Jun-15
VDRS VISHAY-VDRS Datasheet
228Kb / 20P
VDR Metal Oxide Varistors Standard
19-Jun-15
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
VDR Metal Oxide Varistors Standard
18-Oct-2021
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
18-Oct-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com