Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70L Datasheet (PDF) - Vishay Siliconix

70L Datasheet PDF - Vishay Siliconix
Part # 70L
Download  70L Download
File Size   79.3 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1 1/4 Rectangular Multi-Turn Cermet Trimmer

70L Datasheet (PDF)

Go To PDF Page Download Datasheet
70L Datasheet PDF - Vishay Siliconix

Part # 70L
Download  70L Click to download

File Size   79.3 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1 1/4 Rectangular Multi-Turn Cermet Trimmer

70L Datasheet (HTML) - Vishay Siliconix


70L Product details

FEATURES
• 0.5 W at 70 °C
• Unique “T” slider block design
• Wire leads available
• CRV of 3 % or 3 
• RT tolerance ± 10 % STD (± 5 % available)
• Tests according to CECC 41000 or IEC 60393-1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 70L

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70L-IAC GRAYHILL-70L-IAC Datasheet
117Kb / 2P
AC Input Modules
70L-IACA GRAYHILL-70L-IACA Datasheet
117Kb / 2P
AC Input Modules
70L-IAC GRAYHILL-70L-IAC_10 Datasheet
85Kb / 2P
Transient Protection: Meets the requirements of IEEE 472
70L-IDC GRAYHILL-70L-IDC Datasheet
117Kb / 2P
DC Input Modules
70L-IDC GRAYHILL-70L-IDC Datasheet
72Kb / 2P
Fast Switching Polarized Input Types
More results


Similar Description - 70L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M43P103KB40 VISHAY-M43P103KB40 Datasheet
123Kb / 2P
3/4 Rectangular (19mm) Multi-Turn Cermet Trimmer
05-Aug-04
70Y502 VISHAY-70Y502 Datasheet
90Kb / 3P
1 - 1/4 Rectangular Multi-Turn Cermet
05-Aug-04
T18102KT10 VISHAY-T18102KT10 Datasheet
87Kb / 5P
3/4 Rectangular Multi-Turn Cermet Trimmer
05-Aug-13
T18105KT10 VISHAY-T18105KT10 Datasheet
87Kb / 5P
3/4" Rectangular Multi-Turn Cermet Trimmer
05-Aug-13
M70Y104KB25 VISHAY-M70Y104KB25 Datasheet
92Kb / 4P
Rectangular Multi-Turn Cermet Trimmer
02-Oct-13
T63YA102KT20 VISHAY-T63YA102KT20 Datasheet
98Kb / 5P
1/4 Multi-Turn Fully Sealed Container Cermet Trimmer
05-Aug-13
T63 VISHAY-T63 Datasheet
102Kb / 5P
1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
09-Sep-16
T18 VISHAY-T18_17 Datasheet
90Kb / 5P
3/4 Rectangular Multi-Turn Cermet Trimmer
24-Sep-15
T18 VISHAY-T18_V01 Datasheet
79Kb / 5P
3/4" Rectangular Multi-Turn Cermet Trimmer
21-Oct-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com