Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5144 Datasheet (PDF) - Analog Devices

ADRF5144 Datasheet PDF - Analog Devices
Part # ADRF5144
Download  ADRF5144 Download
File Size   556.58 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 W Average, Silicon SPDT, Reflective Switch, 1 GHz to 20 GHz

ADRF5144 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5144 Datasheet PDF - Analog Devices

Part # ADRF5144
Download  ADRF5144 Click to download

File Size   556.58 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 W Average, Silicon SPDT, Reflective Switch, 1 GHz to 20 GHz

ADRF5144 Datasheet (HTML) - Analog Devices


ADRF5144 Product details

GENERAL DESCRIPTION
The ADRF5144 is a reflective, single pole double-throw (SPDT)
switch manufactured in the silicon process.
The ADRF5144 operates from 1 GHz to 20 GHz with typical insertion
loss of 0.8 dB and typical isolation of 52 dB. The device has
a radio frequency (RF) input power handling capability of 40 dBm
average power and 44 dBm peak power for the insertion loss path.
The ADRF5144 draws a low current of 130 μA on the positive supply
of +3.3 V and 510 μA on negative supply of −3.3 V. The device
employs complementary metal-oxide semiconductor (CMOS)-/lowvoltage
transistor to transistor logic (LVTTL)-compatible controls.
The ADRF5144 requires no additional driver circuitry, which makes
it an ideal alternative to GaN and PIN diode-based switches.
The ADRF5144 can also operate with a single positive supply voltage
(VDD) applied while the negative supply voltage (VSS) is tied to
ground. In this operating condition, the small signal performance is
maintained while the switching characteristics, linearity, and power
handling performance are derated, see Table 2.
The ADRF5144 comes in a 20-lead, 3.0 mm × 3.0 mm, RoHS-compliant,
land grid array (LGA) package and can operate from −40°C to +85°C.

FEATURES
► Wideband frequency range: 1 GHz to 20 GHz
► Low insertion loss: 0.8 dB typical to 20 GHz
► High Isolation: 52 dB typical to 20 GHz
► High input linearity
► 0.1 dB power compression (P0.1dB): 44 dBm
► Third order intercept (IP3): >70 dBm
► Second order intercept (IP2): >120 dBm
► High power handling at TCASE = 85°C:
► Insertion loss path
► Average: 40 dBm
► Pulsed (>100 ns pulse width, 15% duty cycle): 43 dBm
► Peak (≤100 ns peak duration, 5% duty cycle): 44 dBm
► Hot-switching: 37 dBm
► 0.1 dB RF settling time with PIN ≤ 37 dBm: 750 ns
► No low frequency spurious
► Positive control interface: CMOS/LVTTL-compatible
► 20-lead, 3.0 mm × 3.0 mm LGA package
► Pin compatible with ADRF5141

APPLICATIONS
► Military radios, radars, and electronic counter measures
► Satcom
► Test and instrumentation
► GaN and PIN diode replacement




Similar Part No. - ADRF5144

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5141 AD-ADRF5141 Datasheet
680Kb / 13P
Silicon, Transmit and Receive Switch with Limiter, 6 GHz to 12 GHz
Rev. 0
ADRF5141-EVALZ AD-ADRF5141-EVALZ Datasheet
680Kb / 13P
Silicon, Transmit and Receive Switch with Limiter, 6 GHz to 12 GHz
Rev. 0
ADRF5141BCCZN AD-ADRF5141BCCZN Datasheet
680Kb / 13P
Silicon, Transmit and Receive Switch with Limiter, 6 GHz to 12 GHz
Rev. 0
ADRF5141BCCZN-R7 AD-ADRF5141BCCZN-R7 Datasheet
680Kb / 13P
Silicon, Transmit and Receive Switch with Limiter, 6 GHz to 12 GHz
Rev. 0
ADRF5142 AD-ADRF5142 Datasheet
475Kb / 10P
High Power, 40 W Peak, Silicon SPDT, Reflective Switch, 8 GHz to 11 GHz
Rev. 0
More results


Similar Description - ADRF5144

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2024 FILTRONIC-FMS2024 Datasheet
149Kb / 4P
DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
FMS2024 FILTRONIC-FMS2024_1 Datasheet
184Kb / 5P
DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
logo
Custom MMIC Design Serv...
CMD195 MMIC-CMD195 Datasheet
210Kb / 9P
DC-20 GHz SPDT Non-reflective Switch
logo
Analog Devices
ADRF5300 AD-ADRF5300 Datasheet
249Kb / 11P
Silicon, SPDT Switch, Reflective, 24 GHz to 32 GHz
9/2020-Revision 0
ADRF5025 AD-ADRF5025 Datasheet
446Kb / 13P
Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
5/2020-Rev. A to Rev. B
ADRF5132 AD-ADRF5132 Datasheet
362Kb / 12P
High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
8/2019-Rev. A to Rev. B
ADRF5160 AD-ADRF5160 Datasheet
351Kb / 12P
High Power, 88 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 4.0 GHz
5/2018-Revision 0
ADRF5301 AD-ADRF5301 Datasheet
294Kb / 9P
Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
ADRF5032 AD-ADRF5032 Datasheet
668Kb / 11P
1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
Rev. 0
ADRF5054 AD-ADRF5054 Datasheet
1Mb / 13P
1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com