Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM241 Datasheet (PDF) - Infineon Technologies AG

IM241 Datasheet PDF - Infineon Technologies AG
Part # IM241
Download  IM241 Download
File Size   848.12 Kbytes
Page   26 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description CIPOS™ Micro IPM 600 V, 2 A

IM241 Datasheet (PDF)

Go To PDF Page Download Datasheet
IM241 Datasheet PDF - Infineon Technologies AG

Part # IM241
Download  IM241 Click to download

File Size   848.12 Kbytes
Page   26 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description CIPOS™ Micro IPM 600 V, 2 A

IM241 Datasheet (HTML) - Infineon Technologies AG


IM241 Product details

Description
IM241-S6 is a 3-phase Intelligent Power Module (IPM) designed for high-efficiency appliance motor drives such as
fans and pumps. This IPM is available in both fast and slow speeds for low loss and low EMI operation respectively.

Features
• 600V 3-phase inverter including gate drivers &
bootstrap function
• Reverse Conducting IGBT Gen 2 (RCD2) optimized
for motor drives
• Temperature monitor
• Accurate overcurrent shutdown (±5%)
• Fault reporting and programmable fault clear
• Advanced input filter with shoot-through
protection
• Optimized dV/dt for loss and EMI trade offs
• Open-emitter for single and leg-shunt current
sensing
• 3.3V logic compatible
• Isolation 2000VRMS, 1min




Similar Part No. - IM241

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IM241-L6S1Y INFINEON-IM241-L6S1Y Datasheet
911Kb / 26P
CIPOS™ Micro IPM 600 V, 6 A
Revision 1.6 2022-06-26
IM241-L6T2B INFINEON-IM241-L6T2B Datasheet
1Mb / 38P
iMOTION™ modular application design kit
V0.1 2021-03-19
IM241-L6T2Y INFINEON-IM241-L6T2Y Datasheet
911Kb / 26P
CIPOS™ Micro IPM 600 V, 6 A
Revision 1.6 2022-06-26
IM241-M6S1Y INFINEON-IM241-M6S1Y Datasheet
927Kb / 26P
CIPOS™ Micro IPM 600 V, 4 A
Revision 1.6 2022-06-26
IM241-M6T2Y INFINEON-IM241-M6T2Y Datasheet
927Kb / 26P
CIPOS™ Micro IPM 600 V, 4 A
Revision 1.6 2022-06-26
More results


Similar Description - IM241

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IM393-M6E INFINEON-IM393-M6E Datasheet
1Mb / 26P
CIPOS??Tiny IPM 600V/10A
V2.0 2019-05-21
IM393-M6F INFINEON-IM393-M6F Datasheet
1Mb / 24P
CIPOS??Tiny IPM 600V/10A
V2.0 2019-05-21
IM393-S6E INFINEON-IM393-S6E Datasheet
1Mb / 26P
CIPOS??Tiny IPM 600V/6A
V2.0 2019-05-21
IM393-X6E INFINEON-IM393-X6E Datasheet
1Mb / 26P
CIPOS??Tiny IPM 600V/20A
V2.0 2019-05-21
IM393-X6F INFINEON-IM393-X6F Datasheet
1Mb / 24P
CIPOS??Tiny IPM 600V/20A
V2.0 2019-05-25
IM393-S6FP INFINEON-IM393-S6FP Datasheet
2Mb / 24P
CIPOS??Tiny IPM 600V/6A
2020-01-20 revision:2.0
IM393-X6FP INFINEON-IM393-X6FP Datasheet
2Mb / 24P
CIPOS??Tiny IPM 600V/20A
2020-01-20 revision:2.0
IM241-L6T2Y INFINEON-IM241-L6T2Y Datasheet
911Kb / 26P
CIPOS™ Micro IPM 600 V, 6 A
Revision 1.6 2022-06-26
IM241-M6T2Y INFINEON-IM241-M6T2Y Datasheet
927Kb / 26P
CIPOS™ Micro IPM 600 V, 4 A
Revision 1.6 2022-06-26
IM241-S6T2Y INFINEON-IM241-S6T2Y Datasheet
927Kb / 26P
CIPOS™ Micro IPM 600 V, 2 A IM241 Series
Revision 1.6 2022-06-26
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com