Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLD5191ES Datasheet (PDF) - Infineon Technologies AG

TLD5191ES Datasheet PDF - Infineon Technologies AG
Part # TLD5191ES
Download  TLD5191ES Download
File Size   1252.33 Kbytes
Page   43 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LITIX™ Power H-Bridge DC-DC controller

TLD5191ES Datasheet (PDF)

Go To PDF Page Download Datasheet
TLD5191ES Datasheet PDF - Infineon Technologies AG

Part # TLD5191ES
Download  TLD5191ES Click to download

File Size   1252.33 Kbytes
Page   43 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LITIX™ Power H-Bridge DC-DC controller

TLD5191ES Datasheet (HTML) - Infineon Technologies AG


TLD5191ES Product details

Features
• Single inductor high power buck-boost controller
• Switching frequency range from 200 kHz to 700 kHz
• Maximum efficiency in every condition (up to 96%)
• Constant current (LED) and constant voltage regulation
• EMC optimized device: spread spectrum always activated
• Overvoltage, shorted LED fault and overtemperature diagnostic output
• Enhanced dimming features: Analog and PWM dimming (from digital input or sourced by
embedded PWM engine)
• LED current accuracy ± 3%




Similar Part No. - TLD5191ES

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD5190 INFINEON-TLD5190 Datasheet
2Mb / 59P
H-Bridge DC/DC Controller
Rev. 1.1 2018-02-08
TLD5190QU INFINEON-TLD5190QU Datasheet
2Mb / 59P
H-Bridge DC/DC Controller
Rev. 1.1 2018-02-08
TLD5190QV INFINEON-TLD5190QV Datasheet
3Mb / 58P
H-Bridge DC/DC Controller for High Power LED Lighting
Rev. 1.0, 2016-05-20
TLD5190QV INFINEON-TLD5190QV Datasheet
2Mb / 59P
H-Bridge DC/DC Controller
Rev. 1.1 2018-02-08
TLD5190 INFINEON-TLD5190_18 Datasheet
2Mb / 59P
H-Bridge DC/DC Controller
Rev. 1.1 2018-02-08
More results


Similar Description - TLD5191ES

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD5095EL INFINEON-TLD5095EL_15 Datasheet
947Kb / 35P
Multitopology LITIX Power DC/DC Controller IC
Revision 1.4 2015-03-11
TLD5097EL INFINEON-TLD5097EL_15 Datasheet
1,022Kb / 41P
Multitopology LITIX Power DC/DC Controller IC
Revision 1.0 2015-03-12
TLD5098EL INFINEON-TLD5098EL_15 Datasheet
1,000Kb / 41P
Multitopology LITIX Power DC/DC Controller IC
Revision 1.2 2015-03-12
logo
Intersil Corporation
ZL8801ALAFTK INTERSIL-ZL8801ALAFTK Datasheet
1Mb / 87P
Dual Phase PMBus™ ChargeMode™ Control DC/DC Digital Controller
March 27, 2015
logo
Infineon Technologies A...
TLD5541-1QV INFINEON-TLD5541-1QV Datasheet
4Mb / 82P
H-Bridge DC/DC Controller with SPI Interface
Rev. 1.0, 2016-05-20
TLD5190QV INFINEON-TLD5190QV Datasheet
3Mb / 58P
H-Bridge DC/DC Controller for High Power LED Lighting
Rev. 1.0, 2016-05-20
TLD5190 INFINEON-TLD5190_18 Datasheet
2Mb / 59P
H-Bridge DC/DC Controller
Rev. 1.1 2018-02-08
TLD5541-1 INFINEON-TLD5541-1_18 Datasheet
3Mb / 81P
H-Bridge DC/DC Controller with SPI Interface
Rev. 1.1 2018-02-08
TLD5098EP INFINEON-TLD5098EP Datasheet
1Mb / 42P
TLD5098EP- Multitopology LITIX??Power DC/DC Controller IC
Rev. 1.00 2018-12-13
TLD6098-2ES INFINEON-TLD6098-2ES Datasheet
1Mb / 51P
LITIX??Power TLD6098-2ES Multitopology dual-channel DC-DC controller
Rev.1.10 2021-09-30
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com