Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4999C4 Datasheet (PDF) - Infineon Technologies AG

TLE4999C4 Datasheet PDF - Infineon Technologies AG
Part # TLE4999C4
Download  TLE4999C4 Download
File Size   539.32 Kbytes
Page   25 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Programmable dual channel linear Hall sensor with fast SPC interface

TLE4999C4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4999C4 Datasheet PDF - Infineon Technologies AG

Part # TLE4999C4
Download  TLE4999C4 Click to download

File Size   539.32 Kbytes
Page   25 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Programmable dual channel linear Hall sensor with fast SPC interface

TLE4999C4 Datasheet (HTML) - Infineon Technologies AG


TLE4999C4 Product details

Features
• Two highly accurate redundant Hall measurement channels (main and sub)
integrated on one chip.
• Developed compliant to ISO 26262 (first edition 2011) Safety Element out of
Context for safety requirements rated up to ASIL D.
• High diagnostic coverage by plausibility checking of main and sub signal on
system level.
• Fast digital SPC interface with min. 0.5μs unit time for transmission of main
and sub signals in less than 500 μs.
• Bus-capability for up to 4 sensor ICs on one data line.
• Selectable 12/14/16bit output signals, protected by CRC and rolling counter.
• Thin 4 pin leaded single sensor package.
• Operating automotive temperature range -40°C to 150°C.
• Digital temperature and stress compensation.
• Reverse-polarity and over voltage protection for VDD, GND and OUT pins.
• Main and sub channel programmable independently in EEPROM.
• Multipoint calibration up to 9 points.
• Frameholder mechanism.
• Single-wire SICI programming interface on output pin.
• 2 x 16 bit user-configurable ID in EEPROM.

PRO-SIL™ Features
• Safety Manual and Safety Analysis Summary Report.




Similar Part No. - TLE4999C4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4999C8 INFINEON-TLE4999C8 Datasheet
967Kb / 26P
Programmable dual channel linear Hall sensor with fast SPC interface
v01_00 2020-11-02
TLE4999CX INFINEON-TLE4999CX Datasheet
15Mb / 91P
Sensor solutions for automotive, industrial and consumer applications
More results


Similar Description - TLE4999C4

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90277 MELEXIS-MLX90277 Datasheet
416Kb / 21P
Dual Programmable Linear Hall Effect Sensor
logo
Infineon Technologies A...
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4997 INFINEON-TLE4997_08 Datasheet
2Mb / 34P
Programmable Linear Hall Sensor
V 2.08, September 2008
TLE4998P3 INFINEON-TLE4998P3 Datasheet
1Mb / 34P
Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S3 INFINEON-TLE4998S3 Datasheet
1Mb / 39P
Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4997A8D INFINEON-TLE4997A8D Datasheet
1Mb / 19P
Programmable Linear Dual Hall Sensor
Revision 1.0, 2014-05-21
TLE4998S INFINEON-TLE4998S Datasheet
1Mb / 39P
Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S3 INFINEON-TLE4998S3_V01 Datasheet
1Mb / 39P
Programmable Linear Hall Sensor
2004-09-15
TLE4999C8 INFINEON-TLE4999C8 Datasheet
967Kb / 26P
Programmable dual channel linear Hall sensor with fast SPC interface
v01_00 2020-11-02
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com