Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2701547 Datasheet (PDF) - PHOENIX CONTACT

2701547 Datasheet PDF - PHOENIX CONTACT
Part # 2701547
Download  2701547 Download
File Size   1492.68 Kbytes
Page   38 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Communication module - AXL E S3 IOL8 DI4 M12 6P

2701547 Datasheet (PDF)

Go To PDF Page Download Datasheet
2701547 Datasheet PDF - PHOENIX CONTACT

Part # 2701547
Download  2701547 Click to download

File Size   1492.68 Kbytes
Page   38 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Communication module - AXL E S3 IOL8 DI4 M12 6P

2701547 Datasheet (HTML) - PHOENIX CONTACT


2701547 Product details

Axioline E, Sercos, M12 fast connection technology, IO-Link ports Class A: 4, connection
method: M12 fast connection technology, connection technology: 3-conductor, IO-Link ports
Class B: 4, connection method: M12 fast connection technology, connection technology: 3-
conductor, Digital inputs at pin 2 for class A ports: 4, 24 V DC, connection technology: 3-
conductor, Plastic housing, degree of protection: IP65/IP67

Product Description
It enables the operation of up to eight IO-Link sensors/actuators and is also used to acquire digital signals.

Your advantages
• Connection to Sercos network using M12 connectors (D-coded)
• Transmission speed of 100 Mbps with a minimum cycle time of 250 μs
• Connection of four IO-Link devices with additional digital input
• Connection of four IO-Link actuators with additional power supply
• Connection of IO-Link ports using M12connectors (A-coded, 5-pos.)
• IO-Link specification V1.1.2
• Diagnostic and status indicators
• Short-circuit and overload protection of the sensor supply
• IP65/IP67 degree of protection




Similar Part No. - 2701547

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701541 PHOENIX-2701541 Datasheet
118Kb / 6P
Distributed I/O device - AXL E ETH IOL8 DI4 M12 6M
2701542 PHOENIX-2701542 Datasheet
1Mb / 31P
Digital module - AXL E S3 DI8 DO8 M12 6P
2701544 PHOENIX-2701544 Datasheet
1Mb / 31P
Digital module - AXL E S3 DI16 M12 6P
2701545 PHOENIX-2701545 Datasheet
1Mb / 31P
Digital module - AXL E S3 DIO16 M12 6P
Dec 30, 2022
2701546 PHOENIX-2701546 Datasheet
1Mb / 31P
Digital module - AXL E S3 DI8 DO4 2A M12 6P
More results


Similar Description - 2701547

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701496 PHOENIX-2701496 Datasheet
196Kb / 19P
Distributed I/O device - AXL E EIP IOL8 DI4 M12 6P
2701513 PHOENIX-2701513 Datasheet
199Kb / 19P
Distributed I/O device - AXL E PN IOL8 DI4 M12 6P
2701524 PHOENIX-2701524 Datasheet
117Kb / 6P
Distributed I/O device - AXL E EC IOL8 DI4 M12 6P
2701536 PHOENIX-2701536 Datasheet
116Kb / 6P
Distributed I/O device - AXL E ETH IOL8 DI4 M12 6P
8560 PHOENIX-8560 Datasheet
324Kb / 23P
AXL E S3 DI8 DO8 M12 6P
8561 PHOENIX-8561 Datasheet
315Kb / 22P
AXL E S3 DI16 M12 6P
8562 PHOENIX-8562 Datasheet
324Kb / 23P
AXL E S3 DIO16 M12 6P
2701503 PHOENIX-2701503 Datasheet
1Mb / 40P
Communication module - AXL E PB IOL8 DI4 M12 6P
Dec 30, 2022
2701545 PHOENIX-2701545 Datasheet
1Mb / 31P
Digital module - AXL E S3 DIO16 M12 6P
Dec 30, 2022
2701544 PHOENIX-2701544 Datasheet
1Mb / 31P
Digital module - AXL E S3 DI16 M12 6P
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com