Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2403C Datasheet (PDF) - Alpha Wire

2403C Datasheet PDF - Alpha Wire
Part # 2403C
Download  2403C Download
File Size   92.98 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2403C Datasheet (PDF)

Go To PDF Page Download Datasheet
2403C Datasheet PDF - Alpha Wire

Part # 2403C
Download  2403C Click to download

File Size   92.98 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2403C Datasheet (HTML) - Alpha Wire


2403C Product details

Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1 3 X 1 COND
a) Conductor 22 (7/30) AWG Tinned Copper 0.030
b) Insulation 0.016" Wall, Nom. FRPE 0.062
(1) Color Code Alpha Wire Color Code D
Cond Color Cond Color Cond Color
1 BLACK 2 RED 3 WHITE
2) Cable Assembly 3 Components Cabled
a) Twists: 6.0 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Shield: Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction Foil Facing Out
b) Drain Wire 22 (7/30) AWG Tinned Copper
4) Jacket 0.020" Wall, Nom.,PVC 0.178 (0.188 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 2403C 3C 22 AWG
SHIELDED 75C (UL) TYPE CMG OR AWM 2093 ----
C(UL) CMG FT4 CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 2403C

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2403 KR-2403 Datasheet
25Kb / 2P
HDTV ANTI-ALIASING FILTER
logo
List of Unclassifed Man...
2403 ETC2-2403 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Heyco.
2403 HEYCO-2403 Datasheet
105Kb / 1P
Dome Plugs
logo
ASSUN MOTOR Pte Ltd.
2403 ASSUN-2403 Datasheet
583Kb / 1P
SPEED DRIVER INTEGRATED SERIES
2023-A
logo
Sealevel Systems, Inc.
2403 SEALEVEL-2403 Datasheet
349Kb / 2P
USB to 4-Port RS-232, RS-422, RS-485 DB9 Serial Interface Adapter
More results


Similar Description - 2403C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com