Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2412C Datasheet (PDF) - Alpha Wire

2412C Datasheet PDF - Alpha Wire
Part # 2412C
Download  2412C Download
File Size   92.82 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2412C Datasheet (PDF)

Go To PDF Page Download Datasheet
2412C Datasheet PDF - Alpha Wire

Part # 2412C
Download  2412C Click to download

File Size   92.82 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2412C Datasheet (HTML) - Alpha Wire


2412C Product details

Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1 2 X 1 COND
a) Conductor 20 (7/28) AWG Tinned Copper 0.038
b) Insulation 0.016" Wall, Nom. FRPE 0.070
(1) Color Code Alpha Wire Color Code D
Cond Color Cond Color Cond Color
1 BLACK 2 RED
2) Cable Assembly 2 Components Cabled
a) Twists: 6.0 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Shield: Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction Foil Facing Out
b) Drain Wire 20 (7/28) AWG Tinned Copper
4) Jacket 0.020" Wall, Nom.,PVC 0.184 (0.194 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 2412C 2C 20 AWG
SHIELDED 75C (UL) TYPE CMG OR AWM 2092 ----
C(UL) CMG FT4 CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 2412C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2412 ETC2-2412 Datasheet
115Kb / 5P
Enhanced Category 6 Nonbonded-Pair Cables
logo
Heyco.
2412 HEYCO-2412 Datasheet
105Kb / 1P
Dome Plugs
logo
ASSUN MOTOR Pte Ltd.
2412 ASSUN-2412 Datasheet
253Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
2412 ASSUN-2412 Datasheet
375Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
2412 ASSUN-2412 Datasheet
229Kb / 1P
STANDARD SERIES
2023-A
More results


Similar Description - 2412C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com