Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2463C Datasheet (PDF) - Alpha Wire

2463C Datasheet PDF - Alpha Wire
Part # 2463C
Download  2463C Download
File Size   92.93 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2463C Datasheet (PDF)

Go To PDF Page Download Datasheet
2463C Datasheet PDF - Alpha Wire

Part # 2463C
Download  2463C Click to download

File Size   92.93 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2463C Datasheet (HTML) - Alpha Wire


2463C Product details

Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1 4 X 1 PAIR
a) Conductor 22 (7/30) AWG Tinned Copper 0.030
b) Insulation
0.008" Wall, Nom.
Polypropylene(PP)
0.046
(1) Color(s)
Pair Color Pair Color Pair Color
1 RED-BLACK 3
WHITE/REDWHITE/BLACK
2 GREEN-WHITE 4
WHITE/GREENWHITE/YELLOW
c) Pair 2/Cond Cabled Together
Individually Applied:
d) Shield: Alum/Mylar Tape, 25% Overlap, Min.
(1) Foil Direction Foil Facing Out
2) Cable Assembly 4 Components Cabled
a) Twists: 4.4 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Drain Wire 24 (7/32) AWG Tinned Copper
3) Jacket 0.020" Wall, Nom.,PVC 0.230 (0.252 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 2463C 4PR 22 AWG
SHIELDED 75C (UL) TYPE CM OR C(UL) TYPE
CMG FT4 CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 2463C

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
2463 KEYSTONE-2463 Datasheet
450Kb / 1P
Economical design, available with PC terminals or wire leads
logo
Heyco.
2463 HEYCO-2463 Datasheet
105Kb / 1P
Universal Bushings
logo
Abbatron All Rights Res...
2463 ABBATRON-2463 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Weidmuller
2463320000 WEIDMULLER-2463320000 Datasheet
279Kb / 4P
SL 5.00/05/135B 3.2SN BK BX
2463340000 WEIDMULLER-2463340000 Datasheet
478Kb / 4P
BCL-SMT 3.81/05/90 2.1SN BK BX
More results


Similar Description - 2463C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com