Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2464C Datasheet (PDF) - Alpha Wire

2464C Datasheet PDF - Alpha Wire
Part # 2464C
Download  2464C Download
File Size   93.67 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2464C Datasheet (PDF)

Go To PDF Page Download Datasheet
2464C Datasheet PDF - Alpha Wire

Part # 2464C
Download  2464C Click to download

File Size   93.67 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2464C Datasheet (HTML) - Alpha Wire


2464C Product details

Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1 2 X 1 COND
a) Conductor 22 (7/30) AWG Tinned Copper 0.030
b) Insulation
0.008" Wall, Nom.
Polypropylene(PP)
0.046
(1) Color(s)
Cond Color Cond Color Cond Color
1 WHITE 2 GREEN
2) Component 2 1 X 1 PAIR
a) Conductor 22 (7/30) AWG Tinned Copper 0.030
b) Insulation
0.008" Wall, Nom.
Polypropylene(PP)
0.046
(1) Color(s)
Pair Color Pair Color Pair Color
1 BLACK-RED
c) Cabling 2 COND Cabled
(1) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
Individually Applied:
d) Shield: Alum/Mylar Tape, 25% Overlap, Min.
(1) Foil Direction Foil Facing Out
(2) Drain Wire 22 (7/30) AWG Tinned Copper
3) Cable Assembly 3 Components Cabled
a) Twists: 6.9 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap Clear Mylar Tape, 25% Overlap, Min
4) Jacket 0.020" Wall, Nom.,PVC 0.165 (0.182 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 2464C 4C 22 AWG
SHIELDED 75C (UL) TYPE CMG OR C(UL) 75C TYPE CMG
FT4 CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 2464C

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2464 KR-2464 Datasheet
20Kb / 2P
Bandpass Filter
logo
Pulse A Technitrol Comp...
2464 PULSE-2464 Datasheet
193Kb / 5P
SWITCH-MODE TRANSFORMER GUIDE
logo
Keystone Electronics Co...
2464 KEYSTONE-2464 Datasheet
450Kb / 1P
Economical design, available with PC terminals or wire leads
logo
Heyco.
2464 HEYCO-2464 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Abbatron All Rights Res...
2464 ABBATRON-2464 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results


Similar Description - 2464C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com