Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24RC3S06 Datasheet (PDF) - Alpha Wire

24RC3S06 Datasheet PDF - Alpha Wire
Part # 24RC3S06
Download  24RC3S06 Download
File Size   92.51 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

24RC3S06 Datasheet (PDF)

Go To PDF Page Download Datasheet
24RC3S06 Datasheet PDF - Alpha Wire

Part # 24RC3S06
Download  24RC3S06 Click to download

File Size   92.51 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

24RC3S06 Datasheet (HTML) - Alpha Wire


24RC3S06 Product details

Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1 3 X 1 COND
a) Conductor 24 (19/36) AWG SPC 0.025
b) Insulation 0.009" Wall, Nom. PTFE 0.043
(1) Color(s)
Cond Color Cond Color Cond Color
1 WHITE 2 WHITE/BLUE 3 WHITE/ORANGE
2) Cable Assembly 3 Components Cabled
a) Twists: 9.6 Twists/foot (min)
3) Shield
SPC BRAID Shield,85% Coverage,
Min.
4) Jacket 0.010" Wall, Nom.,PTFE Tape 0.131 (0.139 Max.)
a) Color(s) WHITE




Similar Part No. - 24RC3S06

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
24RC2S06 ALPHAWIRE-24RC2S06 Datasheet
92Kb / 4P
Customer Specification
1/4/2023
24RC4S06 ALPHAWIRE-24RC4S06 Datasheet
92Kb / 4P
Customer Specification
1/4/2023
logo
Bel Fuse Inc.
24RCM-12DMQFK BEL-24RCM-12DMQFK Datasheet
3Mb / 14P
150 /300 W DC-DC Converters
24RCM-24DMQFK BEL-24RCM-24DMQFK Datasheet
3Mb / 14P
150 /300 W DC-DC Converters
24RCM150-12 BEL-24RCM150-12 Datasheet
3Mb / 14P
150 /300 W DC-DC Converters
More results


Similar Description - 24RC3S06

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com